Electronic Components Datasheet Search
  English  ▼

X  

L9733XP Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 4Page - STMicroelectronics L9733XP Datasheet HTML 5Page - STMicroelectronics L9733XP Datasheet HTML 6Page - STMicroelectronics L9733XP Datasheet HTML 7Page - STMicroelectronics L9733XP Datasheet HTML 8Page - STMicroelectronics L9733XP Datasheet HTML 9Page - STMicroelectronics L9733XP Datasheet HTML 10Page - STMicroelectronics L9733XP Datasheet HTML 11Page - STMicroelectronics L9733XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Operating conditions
L9733
8/33
2
Operating conditions
2.1
Maximum ratings
This part may not operate if taken outside the maximum ratings. Once the condition is
returned to within the specified maximum rating or the power is recycled, the part will
recover with no damage or degradation.
2.2
Absolute maximun ratings
This part may be irreparably damaged if taken outside the specified Absolute Maximum
Ratings. Operation outside the Absolute Maximum Ratings may also cause a decrease in
reliability.
Table 2.
Maximum ratings
Symbol
Parameter
Value
Unit
Vdd
Supply Voltage
4.5 to 5.5
V
Vbat
Battery Supply Voltage
4.5 to 18
V
Tj
Thermal Junction Temperature Range
-40 to 150
°C
Snubbing Volatage of DRN1-8
min 50
VDC
IO
Output Current 1-8
max 800
mA
Table 3.
Absolute maximun ratings
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7
V
Vbat
Supply Voltage
-0.3 to 40
V
CS,DI,DO,SCLK,EN,IN6,IN7,IN8,VDO
-0.3 to 7.0
V
SRC 1-8
-24 to 40
VDC
DRN1-8
-0.3 to 60
VDC
IOL
Current Limit of Output 1-8 ( -40°C)
2.5
A
IOP
OverCurrent protection at Output 1-8 ( -40°C)
3
A
Maximum Clamping Energy
20
mj
ESD
Human Body Model
±2 vs. GND
kV
Table 4.
Thermal Data
Symbol
Parameter
Min
Typ
Max
Unit
Tamb
Operating Ambient Temperature
-40
125
°C
Tstg
StorageTemperature
-50
150
°C
Tj
Maximum Operating Junction Temperature
150
°C
Rth
Thermal Shut-down Temperature
151
175
200
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com