Electronic Components Datasheet Search
  English  ▼

X  

L9733XP Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9733XP
Description  Octal self configuring Low/High side driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 6Page - STMicroelectronics L9733XP Datasheet HTML 7Page - STMicroelectronics L9733XP Datasheet HTML 8Page - STMicroelectronics L9733XP Datasheet HTML 9Page - STMicroelectronics L9733XP Datasheet HTML 10Page - STMicroelectronics L9733XP Datasheet HTML 11Page - STMicroelectronics L9733XP Datasheet HTML 12Page - STMicroelectronics L9733XP Datasheet HTML 13Page - STMicroelectronics L9733XP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical performance characteristics
L9733
10/33
3
Electrical performance characteristics
These are the electrical capabilities this part was designed to meet. It is required that every
part meet these characteristics.
3.1
DC Characteristics:
Tamb = -40 to 125°C, Vdd = 4.5 to 5.5 Vdc, Vbat = 4.5 to 18Vdc (high side configuration),
unless otherwise specified.
Table 5.
DC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IN6vih
IN6 Input Voltage
0.7vdo
V
IN6vil
0.3vdo
V
IIN6il
IN6 Input Current
In6 = 0 VDC
|10|
µA
IIN6ih
In6 = VDO
10
100
µA
IN7vih
IN7 Input Voltage Voltage
0.7vdo
V
IN7vil
0.3vdo
V
IIN7il
IN7 Input Current
In7 = 0 VDC
|10|
µA
IIN7ih
In7 = VDO
10
100
µA
IN8vih
IN8 Input Voltage
0.7vdo
V
IN8vil
0.3vdo
V
IIN8il
IN8 Input Current
In8 = 0 VDC
|10|
µA
IIN8ih
In8 = VDO
10
100
µA
CSih
CS Input Voltage
0.7vdo
V
CSil
0.3vdo
V
ICSih
CS Input Current
CS = VDO
|10|
µA
ICSil
CS = 0 VDC
10
100
µA
SCLKih
SCLK Input Voltage
0.7vdo
V
SCLKil
0.3vdo
V
ISCLKih
SCLK Input Current
SCLK = VDO
|10|
µA
ISCLKil
SCLK = 0 VDC
10
100
µA
DIih
DI Input Voltage
0.7vdo
V
DIil
0.3vdo
V
IDIih
DI Input Current
DI = VDO
|10|
µA
IDIil
DI = 0 VDC
10
100
µA
DOol
DO Output Voltages
IDO = 2.5 mA
0.4
V
DOoh
IDO = -2.5 mA
vdo-0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com