Electronic Components Datasheet Search
  English  ▼

X  

12F683 Datasheet(PDF) 52 Page - Microchip Technology

Part # 12F683
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F683 Datasheet(HTML) 52 Page - Microchip Technology

Back Button 12F683 Datasheet HTML 48Page - Microchip Technology 12F683 Datasheet HTML 49Page - Microchip Technology 12F683 Datasheet HTML 50Page - Microchip Technology 12F683 Datasheet HTML 51Page - Microchip Technology 12F683 Datasheet HTML 52Page - Microchip Technology 12F683 Datasheet HTML 53Page - Microchip Technology 12F683 Datasheet HTML 54Page - Microchip Technology 12F683 Datasheet HTML 55Page - Microchip Technology 12F683 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 148 page
background image
PIC12F683
DS41211B-page 50
Preliminary
 2004 Microchip Technology Inc.
FIGURE 8-4:
COMPARATOR OUTPUT BLOCK DIAGRAM
REGISTER 8-2:
CMCON1 – COMPARATOR CONTROL REGISTER 1 (ADDRESS: 1Ah)
CMSYNC
D
Q
EN
To COUT pin
RD CMCON
Set CMIF bit
D
Q
EN
CL
RD CMCON
Reset
To Data Bus
CINV
D
Q
EN
TMR1
Clock Source(1)
0
1
To TMR1
Note 1:
Comparator output is latched on falling edge of T1 clock source.
Q3
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-0
—
—
—
—
—
—
T1GSS
CMSYNC
bit 7
bit 0
bit 7-2:
Unimplemented: Read as ‘0’
bit 1
T1GSS: Timer1 Gate Source Select bit
1
=
Timer1 gate source is T1G pin (GP4 must be configured as digital input)
0
=
Timer1 gate source is comparator output
bit 0
CMSYNC: Comparator Synchronize bit
1
=
COUT output synchronized with falling edge of Timer1 clock
0
=
COUT output not synchronized with Timer1 clock
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com