Electronic Components Datasheet Search
  English  ▼

X  

12F683 Datasheet(PDF) 139 Page - Microchip Technology

Part # 12F683
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F683 Datasheet(HTML) 139 Page - Microchip Technology

Back Button 12F683 Datasheet HTML 135Page - Microchip Technology 12F683 Datasheet HTML 136Page - Microchip Technology 12F683 Datasheet HTML 137Page - Microchip Technology 12F683 Datasheet HTML 138Page - Microchip Technology 12F683 Datasheet HTML 139Page - Microchip Technology 12F683 Datasheet HTML 140Page - Microchip Technology 12F683 Datasheet HTML 141Page - Microchip Technology 12F683 Datasheet HTML 142Page - Microchip Technology 12F683 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 148 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41211B-page 137
PIC12F683
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A
This is a new data sheet.
Revision B
Rewrites of the Oscillator and Special Features of the
CPU sections. General corrections to Figures and
formatting.
APPENDIX B:
MIGRATING FROM
OTHER PICmicro®
DEVICES
This discusses some of the issues in migrating from
other PICmicro devices to the PIC12F6XX family of
devices.
B.1
PIC12F675 to PIC12F683
TABLE B-1:
FEATURE COMPARISON
Feature
PIC12F675
PIC12F683
Max Operating Speed
20 MHz
20 MHz
Max Program Mem-
ory (Words)
1024
2048
SRAM (Bytes)
64
128
A/D Resolution
10-bit
10-bit
Data EEPROM (Bytes)
128
256
Timers (8/16-bit)
1/1
2/1
Oscillator Modes
8
8
Brown-out Detect
Y
Y
Internal Pull-ups
GP0/1/2/4/5
GP0/1/2/4/5,
MCLR
Interrupt-on-change
GP0/1/2/3/4/5 GP0/1/2/3/4/5
Comparators
1
1
CCP
N
Y
Ultra Low-Power
Wake-up
NY
Extended WDT
N
Y
Software Control
Option of WDT/BOD
NY
INTOSC Frequencies
4 MHz
32 kHz-8 MHz
Clock Switching
N
Y
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its ear-
lier version. These differences may cause
this device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com