| Electronic Components Datasheet Search |
|
UPD98405 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD98405 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 68 page ![]() Data Sheet S12689EJ3V0DS 21 µµµµPD98405 <2> PCI bus 64-bit expansion interface signals Open AD63 to AD32, PCBE7_B to PCBE4_B, and PAR64 when using the 32-bit PCI bus interface. Pin No. Pin Name QFP FBGA I/O I/O Level Function AD63 to AD32 69 to 71, 73 to 75, 79, 80, 82 to 85, 88 to 91, 94 to 97, 100 to 103, 106 to 109, 112 to 115 V2, V4, V5, Y1, AA1, Y2, W4, AB3, U6, W5, AA5, AB4, V7, AB5, AA6, AB6, AA7, AB7, V8, U8, AB8, W9, AA9, AB9, W10, AA10, AB10, V10, AA11, AB11, W11, W12 I/O 3-state PCI Address/data. AD63 to AD32 constitutes a 32-bit multiplexed address/data bus that extends the PCI bus to 64 bits. This address/data bus transfers the higher 32 bits of a 64-bit address in the address phase. It outputs the higher 32 bits of 64-bit data in the data phase when both REQ64_B and ACK64_B are asserted. PCBE7_B PCBE6_B PCBE5_B PCBE4_B 63 64 65 66 U2 V1 T5 U4 I/O 3-state PCI Bus command/byte enable. These signals define a “bus command” (bus transaction that occurs) in the address phase. In the data phase, they indicate which byte lane holds valid data. The PCBE7_B pin corresponds to AD63 to AD56, and PCBE4_B pin corresponds to AD39 to AD32. PAR64 116 AB12 I/O 3-state PCI Parity 64. This signal indicates an even parity on AD63 to AD32 and PCBE7_B to PCBE4_B pins, including the PAR64 signal. When the µPD98405 is operating as a master, the PAR signal becomes active in the address and write data phases. When the µPD98405 is operating as a target, it becomes active in the read data phase. REQ64_B 60 T4 I/O Sustained 3-state PCI Request 64. This signal indicates the start and period of a 64-bit bus transaction. When the µPD98405 is operating as a master, it asserts REQ64_B active to request 64-bit data transfer. REQ64_B is the same as FRAME_B in timing. Connect an external pull-up resistor when using a 32-bit PCI bus. ACK64_B 59 T2 I PCI Acknowledge 64. When the µPD98405 is operating as a target, it makes this signal low after the REQ64_B signal has been asserted active and the µPD98405 has recognized an address. When the µPD98405 is operating as a master, it samples this signal to check whether the target device has acknowledged 64-bit transfer. ACK64_B is the same as DEVSEL_B in timing. Connect an external pull-up resistor when using a 32- bit PCI bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |