Electronic Components Datasheet Search
  English  ▼

X  

BAT54DF Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # BAT54DF
Description  BAT54DF SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAT54DF Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAT54DF Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAT54DF Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAT54DF Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAT54DF Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N2313 REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAT54DF
BAT54DF SURFACE MOUNT
SCHOTTKY BARRIER DIODE
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Continuous Forward Current
IO
100
mA
Forward Continuous Current
IFM
200
mA
Repetitive Peak Forward Current @ t≤1s,δ≤0.5
IFRM
300
mA
Non-Repetitive Peak Forward Surge Current
@t=8.3ms
IFSM
600
mA
Power Dissipation
PD
410
mW
Thermal Resistance, Junction to Ambient
RθJA
305
°C/W
Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
DFN2015-6L
Case: DFN2015-6L, Molded plastic
Terminals: Plated Leads Solderable per MIL-STD-202,
Method 208
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring Transient and ESD Protection
Designed for Surface Mount Application
Plastic Material —UL Recognition Flammability
Classification 94V-O
Green Products in Compliance with the ROHS Directive
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon
request
1
2
3
4
5
6


Similar Part No. - BAT54DF

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BAT54DCSM SEME-LAB-BAT54DCSM Datasheet
17Kb / 1P
DUAL SCHOTTKY DIODES IN HERMETIC CERAMIC
logo
Pan Jit International I...
BAT54DTB6 PANJIT-BAT54DTB6 Datasheet
99Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Diodes Incorporated
BAT54DW DIODES-BAT54DW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAT54DW DIODES-BAT54DW Datasheet
364Kb / 3P
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
More results

Similar Description - BAT54DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com