Electronic Components Datasheet Search
  English  ▼

X  

BAT54DF Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAT54DF
Description  BAT54DF SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAT54DF Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAT54DF Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAT54DF Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAT54DF Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAT54DF Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N2313 REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAT54DF
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop*
Pin1 to Pin2; Pin3 to Pin2;
Pin4 to Pin2; Pin6 to Pin2;
Pin5 to Pin1; Pin5 to Pin3;
Pin5 to Pin4; Pin5 to Pin6;
VF1
@ 200uA, Pulse, TJ = 25 C
0.26
0.30
V
Reverse Current*
Pin1 to Pin2; Pin3 to Pin2;
Pin4 to Pin2; Pin6 to Pin2;
Pin5 to Pin1; Pin5 to Pin3;
Pin5 to Pin4; Pin5 to Pin6;
IR1
@VR = 30V, Pulse, TJ = 25 C
@VR = 3.3V, Pulse, TJ = 60 C
0.7
0.4
1
2
μA
Capacitance between terminals
Pin1 to Pin2; Pin3 to Pin2;
Pin4 to Pin2; Pin6 to Pin2;
Pin5 to Pin1; Pin5 to Pin3;
Pin5 to Pin4; Pin5 to Pin6;
CT
@VR = 1 V, Tc=25, fSIG = 1MHz
5
10
pF
* Pulse width < 300 µs, duty cycle < 2%
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics @TA=25°C unless otherwise specified
Ordering Information
Marking Diagram
Device
Package
Shipping
BAT54DF
DFN2015-6L
3000pcs/reel
Mechanical Dimensions DFN2015-6L
SYMBOL
Millimeters
Normal
MIN.
MAX.
A
-
0.500
0.600
A1
-
0.025
0.075
D
2.000
1.900
2.100
E
1.500
1.400
1.600
b
0.350
0.300
0.400
L
0.500
0.450
0.550
L1
0.050
0.010
0.090
e
0.650 BSC
DF = Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com