Electronic Components Datasheet Search
  English  ▼

X  

BAT54T Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # BAT54T
Description  BAT54T/AT/CT/ST SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAT54T Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  BAT54T Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAT54T Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAT54T Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAT54T Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N1724, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
BAT54T(AT)(CT)(ST)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Device
Package
Shipping
BAT54T/AT/CT/ST
SOT-523(Pb-Free)
3000pcs / reel
Mechanical Dimensions SOT-523
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
0.700
0.900
0.028
0.035
A1
0.000
0.100
0.000
0.004
A2
0.700
0.800
0.028
0.031
b1
0.150
0.250
0.006
0.010
b2
0.250
0.350
0.010
0.014
c
0.100
0.200
0.004
0.008
D
1.500
1.700
0.059
0.067
E
0.700
0.900
0.028
0.035
E1
1.450
1.750
0.057
0.069
e
0.500 TYP.
0.020 TYP.
e1
0.900
1.100
0.035
0.043
L
0.400 REF.
0.016 REF.
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°
Carrier Tape Specification SOT-523
SYMBOL
Millimeters
Min.
Max.
A
1.80
1.90
B
1.80
1.90
C
0.825
0.925
d
1.40
1.60
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com