Electronic Components Datasheet Search
  English  ▼

X  

PMPB14XN Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMPB14XN
Description  40 V, N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB14XN Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMPB14XN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PMPB14XN
40 V, N-channel Trench MOSFET
11 March 2020
Product data sheet
1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power
DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench
MOSFET technology.
2. Features and benefits
• Very fast switching
• Low threshold voltage
• Trench MOSFET technology
• Side wettable flanks for optical solder inspection
• Exposed drain pad for excellent thermal conduction
3. Applications
• Relay driver
• High-speed line driver
• Low-side load switch
• Switching circuits
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
40
V
VGS
gate-source voltage
Tj = 25 °C
-8
-
8
V
ID
drain current
VGS = 4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
11.5
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID = 8.1 A; Tj = 25 °C
-
15
18
mΩ
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and mounting pad for drain 6 cm2.


Similar Part No. - PMPB14XN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB14XP NEXPERIA-PMPB14XP Datasheet
345Kb / 15P
12 V, P-channel Trench MOSFET
3 July 2018
PMPB14XPZ NEXPERIA-PMPB14XPZ Datasheet
345Kb / 15P
12 V, P-channel Trench MOSFET
3 July 2018
More results

Similar Description - PMPB14XN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMV130ENEA PHILIPS-PMV130ENEA_15 Datasheet
253Kb / 16P
40 V, N-channel Trench MOSFET
12 June 2014
logo
Nexperia B.V. All right...
PMV130ENEA NEXPERIA-PMV130ENEA Datasheet
273Kb / 15P
40 V, N-channel Trench MOSFET
PMV65ENEA NEXPERIA-PMV65ENEA Datasheet
721Kb / 16P
40 V, N-channel Trench MOSFET
BUK6D120-40E NEXPERIA-BUK6D120-40E Datasheet
288Kb / 15P
40 V, N-channel Trench MOSFET
29 April 2019
BUK6D30-40E NEXPERIA-BUK6D30-40E Datasheet
294Kb / 14P
40 V, N-channel Trench MOSFET
11 March 2020
PMN20ENA NEXPERIA-PMN20ENA Datasheet
294Kb / 13P
40 V, N-channel Trench MOSFET
30 April 2019
PMN30ENEA NEXPERIA-PMN30ENEA Datasheet
263Kb / 14P
40 V N-channel Trench MOSFET
2 April 2019
PMV30ENEA NEXPERIA-PMV30ENEA Datasheet
259Kb / 14P
40 V N-channel Trench MOSFET
2 April 2019
PMV60ENEA NEXPERIA-PMV60ENEA Datasheet
272Kb / 15P
40 V, N-channel Trench MOSFET
9 May 2019
BUK6D23-40E NEXPERIA-BUK6D23-40E Datasheet
289Kb / 15P
40 V, N-channel Trench MOSFET
13 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com