Electronic Components Datasheet Search
  English  ▼

X  

PMPB14XN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMPB14XN
Description  40 V, N-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMPB14XN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMPB14XN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMPB14XN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
PMPB14XN
40 V, N-channel Trench MOSFET
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
D
drain
2
D
drain
3
G
gate
4
S
source
5
D
drain
6
D
drain
7
D
drain
8
S
source
6
5
7
8
4
Transparent top view
1
2
3
DFN2020MD‑6 (SOT1220)
S
D
G
017aaa253
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PMPB14XN
DFN2020MD
‑6 plastic, leadless thermal enhanced ultra thin small outline
package with side-wettable flanks (SWF); 6 terminals; 0.65 mm
pitch; 2 mm x 2 mm x 0.65 mm body
SOT1220
7. Marking
Table 4. Marking codes
Type number
Marking code
PMPB14XN
5D
PMPB14XN
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
11 March 2020
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com