Electronic Components Datasheet Search
  English  ▼

X  

PMT29EN Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PMT29EN
Description  30 V, 6 A N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMT29EN Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PMT29EN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Important notice
Dear Customer,
On 7 February 2017 the former NXP Standard Product business became a new company with the
tradename Nexperia. Nexperia is an industry leading supplier of Discrete, Logic and PowerMOS
semiconductors with its focus on the automotive, industrial, computing, consumer and wearable
application markets
In data sheets and application notes which still contain NXP or Philips Semiconductors references, use
the references to Nexperia, as shown below.
Instead of http://www.nxp.com, http://www.philips.com/ or http://www.semiconductors.philips.com/,
use http://www.nexperia.com
Instead of sales.addresses@www.nxp.com or sales.addresses@www.semiconductors.philips.com, use
salesaddresses@nexperia.com (email)
Replace the copyright notice at the bottom of each page or elsewhere in the document, depending on
the version, as shown below:
- © NXP N.V. (year). All rights reserved or © Koninklijke Philips Electronics N.V. (year). All rights
reserved
Should be replaced with:
- © Nexperia B.V. (year). All rights reserved.
If you have any questions related to the data sheet, please contact our nearest sales office via e-mail
or telephone (details via salesaddresses@nexperia.com). Thank you for your cooperation and
understanding,
Kind regards,
Team Nexperia


Similar Part No. - PMT29EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMT29EN NXP-PMT29EN Datasheet
190Kb / 15P
30 V, 6 A N-channel Trench MOSFET
Rev. 1-31 August 2011
logo
VBsemi Electronics Co.,...
PMT29EN VBSEMI-PMT29EN Datasheet
1,008Kb / 8P
N-Channel 30 V (D-S) MOSFET
More results

Similar Description - PMT29EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMN20EN NXP-PMN20EN Datasheet
822Kb / 15P
30 V, 6.7 A N-channel Trench MOSFET
Rev. 1-30 May 2011
PMF250XN PHILIPS-PMF250XN Datasheet
889Kb / 15P
30 V, 0.9 A N-channel Trench MOSFET
Rev. 1-7 December 2011
PMV22EN PHILIPS-PMV22EN Datasheet
996Kb / 14P
30 V, 5.2 A N-channel Trench MOSFET
Rev. 1-30 March 2011
PMN35EN NXP-PMN35EN Datasheet
823Kb / 15P
30 V, 5.1 A N-channel Trench MOSFET
Rev. 1-20 July 2011
PMT29EN NXP-PMT29EN Datasheet
190Kb / 15P
30 V, 6 A N-channel Trench MOSFET
Rev. 1-31 August 2011
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
ZP Semiconductor
PMV37EN ZPSEMI-PMV37EN Datasheet
406Kb / 3P
30 V, 3.1 A N-channel Trench MOSFET
logo
Nexperia B.V. All right...
PMN25EN NEXPERIA-PMN25EN Datasheet
465Kb / 18P
30 V, 6.2 A N-channel Trench MOSFET
Rev. 1 - 29 August 2011
PMN35EN NEXPERIA-PMN35EN Datasheet
1Mb / 16P
30 V, 5.1 A N-channel Trench MOSFET
Rev. 1 - 20 July 2011
PMT21EN NEXPERIA-PMT21EN Datasheet
461Kb / 16P
30 V, 7.4 A N-channel Trench MOSFET
Rev. 1 - 30 August 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com