Electronic Components Datasheet Search
  English  ▼

X  

PMT29EN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMT29EN
Description  30 V, 6 A N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMT29EN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMT29EN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMT29EN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT223 (SC-73)
small Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.
1.2 Features and benefits
 Logic-level compatible
 Very fast switching
 Trench MOSFET technology
1.3 Applications
 Relay driver
 High-speed line driver
 Low-side loadswitch
 Switching circuits
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for drain 6 cm2.
2.
Pinning information
PMT29EN
30 V, 6 A N-channel Trench MOSFET
Rev. 1 — 31 August 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj = 25 °C
--30
V
VGS
gate-source voltage
-20
-
20
V
ID
drain current
VGS =10V; Tamb =25°C
[1]
--6
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10V; ID =6A; Tj = 25 °C
-
24
29
m
Ω
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT223 (SC-73)
2
D
drain
3S
source
4
D
drain
13
2
4
S
D
G
017aaa253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com