Electronic Components Datasheet Search
  English  ▼

X  

MAS9191A Datasheet(PDF) 30 Page - Micro Analog systems

Part # MAS9191A
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191A Datasheet(HTML) 30 Page - Micro Analog systems

Back Button MAS9191A Datasheet HTML 26Page - Micro Analog systems MAS9191A Datasheet HTML 27Page - Micro Analog systems MAS9191A Datasheet HTML 28Page - Micro Analog systems MAS9191A Datasheet HTML 29Page - Micro Analog systems MAS9191A Datasheet HTML 30Page - Micro Analog systems MAS9191A Datasheet HTML 31Page - Micro Analog systems MAS9191A Datasheet HTML 32Page - Micro Analog systems MAS9191A Datasheet HTML 33Page - Micro Analog systems MAS9191A Datasheet HTML 34Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
DA9191A.000
July 31, 1997
FUNCTIONS
Register 11HEX (read only)
Bit
Name
State
Function
0
reserved
0,1
not in use
1
SATDET
0
Invalid SAT frequency received
1
Valid SAT frequency received. See SCC in register 14HEX.
2
DOT
0
No dotting sequence detected
1
Dotting sequence detected
3
WSYNC
0
No word sync detected
1
Word sync detected
4
TXON
0
No transmission
1
Word transmission on
5
BUSY
0
BUSY bit detected
1
IDLE bit detected
6
BCHERR
0
No BCH error detected
1
BCH error detected
7
reserved
0,1
not in use
Register 12HEX (write only)
Bit
Name
State
Function
0
STON
0
No signaling tone transmission
1
Signaling transmission on
1
CTCV
0
Control channel
1
Voice channel
2
TXCTREN
0
TX control disabled
1
TX control active. TXCTRL output pin can be used to control transmitter
3
TXRST
0
Digital TX section operating
1
Digital TX section reset
4
RXRST
0
Digital RX section operating
1
Digital RX section reset
5
STR
0
Stream A
1
Stream B
6
SYS0
0
(SYS1 = 0)
ETACS mode
1
(SYS1 = 0)
AMPS mode
0
(SYS1 = 1)
F9HP input connected to F9LP output.
NAMPS mode
1
(SYS1 = 1)
F9HP input connected to GC5 output.
NAMPS mode
7
SATEN
0
SAT transmission disabled
1
SAT transmission enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com