Electronic Components Datasheet Search
  English  ▼

X  

STP62NS04Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP62NS04Z
Description  N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP62NS04Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP62NS04Z Datasheet HTML 1Page - STMicroelectronics STP62NS04Z Datasheet HTML 2Page - STMicroelectronics STP62NS04Z Datasheet HTML 3Page - STMicroelectronics STP62NS04Z Datasheet HTML 4Page - STMicroelectronics STP62NS04Z Datasheet HTML 5Page - STMicroelectronics STP62NS04Z Datasheet HTML 6Page - STMicroelectronics STP62NS04Z Datasheet HTML 7Page - STMicroelectronics STP62NS04Z Datasheet HTML 8Page - STMicroelectronics STP62NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP62NS04Z
Electrical ratings
3/12
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
Clamped
V
VGS
Gate-source voltage
Clamped
V
ID
Drain current (continuous) at TC = 25°C
62
A
ID
Drain current (continuous) at TC=100°C
37.5
A
IDG
Drain gate current (continuous)
± 50
IGS
Gate sourcecurrent (continuous)
± 50
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
248
A
PTOT
Total dissipation at TC = 25°C
110
W
Derating factor
0.74
W/°C
dv/dt (2)
2.
ISD ≤40A, di/dt ≤100A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
8
V/ns
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 20A, VDD = 20V
Single Pulse Avalanche Energy
500
mJ
VESD
ESD (HBM - C = 100pF, R = 1.5 k
Ω)8
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1.36
°C/W
RthJA
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com