Electronic Components Datasheet Search
  English  ▼

X  

STP62NS04Z Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP62NS04Z
Description  N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP62NS04Z Datasheet(HTML) 4 Page - STMicroelectronics

  STP62NS04Z Datasheet HTML 1Page - STMicroelectronics STP62NS04Z Datasheet HTML 2Page - STMicroelectronics STP62NS04Z Datasheet HTML 3Page - STMicroelectronics STP62NS04Z Datasheet HTML 4Page - STMicroelectronics STP62NS04Z Datasheet HTML 5Page - STMicroelectronics STP62NS04Z Datasheet HTML 6Page - STMicroelectronics STP62NS04Z Datasheet HTML 7Page - STMicroelectronics STP62NS04Z Datasheet HTML 8Page - STMicroelectronics STP62NS04Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STP62NS04Z
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1mA, VGS= 0
33
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 16V
10
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±10V
10
µA
VGSS
Gate-Source
Breakdown Voltage
IGS = 100 µA
18
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
24
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 30A
12.5
15
m
Ω
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 15V, ID = 30A
20
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f = 1 MHz,
VGS = 0
1330
420
135
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 20V, ID = 40A
VGS =10V
34
10
11.5
47
nC
nC
nC
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD= 20V, ID= 20A,
RG=4.7Ω, VGS = 10V
Figure 13 on page 8
13
104
41
42
ns
ns
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
Vclamp = 30V, ID = 40A
RG =4.7Ω, VGS = 10V
Figure 13 on page 8
30
54
90
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com