Electronic Components Datasheet Search
  English  ▼

X  

AD7653 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7653
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7653 Datasheet HTML 10Page - Analog Devices AD7653 Datasheet HTML 11Page - Analog Devices AD7653 Datasheet HTML 12Page - Analog Devices AD7653 Datasheet HTML 13Page - Analog Devices AD7653 Datasheet HTML 14Page - Analog Devices AD7653 Datasheet HTML 15Page - Analog Devices AD7653 Datasheet HTML 16Page - Analog Devices AD7653 Datasheet HTML 17Page - Analog Devices AD7653 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7952
Rev. 0 | Page 14 of 32
–120
–116
–112
–108
–104
–100
–96
TEMPERATURE (°C)
–55
–35
–15
5
25456585
105
125
0V TO 5V
0V TO 10V
±5V
±10V
Figure 17. THD vs. Temperature
1.5
–1.5
–55
125
TEMPERATURE (°C)
1.0
0
0.5
–0.5
–1.0
25
65
85
105
–35
–15
5
45
ZERO ERROR
POSITIVE
FULL-SCALE ERROR
NEGATIVE
FULL-SCALE ERROR
Figure 18. Zero Error, Positive and Negative Full-Scale Error vs. Temperature
60
0
08
REFERENCE DRIFT (ppm/°C)
50
40
30
20
10
1234567
Figure 19. Reference Voltage Temperature Coefficient Distribution (247 Devices)
106
108
110
112
114
116
118
120
122
124
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
0V TO 5V
0V TO 10V
±5V
±10V
Figure 20. SFDR vs. Temperature (Excludes Harmonics)
5.008
4.996
–55
125
TEMPERATURE (°C)
5.006
5.002
5.004
5.000
4.998
25
65
85
105
–35
–15
5
45
Figure 21. Typical Reference Voltage Output vs. Temperature (3 Devices)
100000
0.001
1000000
SAMPLING RATE (SPS)
100
10
10
100
1000
10000
100000
1000
1
0.1
0.01
10000
PDREF = PDBUF = HIGH
VCC +15V
VEE –15V
ALL MODES
AVDD, WARP/NORMAL
OVDD, ALL MODES
DVDD, ALL MODES
AVDD, IMPULSE
Figure 22. Operating Currents vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com