Electronic Components Datasheet Search
  English  ▼

X  

AD7653 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7653
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7653 Datasheet HTML 18Page - Analog Devices AD7653 Datasheet HTML 19Page - Analog Devices AD7653 Datasheet HTML 20Page - Analog Devices AD7653 Datasheet HTML 21Page - Analog Devices AD7653 Datasheet HTML 22Page - Analog Devices AD7653 Datasheet HTML 23Page - Analog Devices AD7653 Datasheet HTML 24Page - Analog Devices AD7653 Datasheet HTML 25Page - Analog Devices AD7653 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD7952
Rev. 0 | Page 22 of 32
This circuit can also be made discretely, and thus more flexible,
using any of the recommended low noise amplifiers in Table 8.
Again, to preserve the SNR of the converter, the resistors, RF
and RG, should be kept low.
VOLTAGE REFERENCE INPUT/OUTPUT
The AD7952 allows the choice of either a very low temperature
drift internal voltage reference, an external reference, or an
external buffered reference.
The internal reference of the AD7952 provides excellent perform-
ance and can be used in almost all applications. However, the
linearity performance is guaranteed only with an external reference.
Internal Reference (REF = 5 V, PDREF = Low,
PDBUF = Low)
To use the internal reference, the PDREF and PDBUF inputs
must be low. This enables the on-chip, band gap reference, buffer,
and TEMP sensor, resulting in a 5.00 V reference on the REF pin.
The internal reference is temperature-compensated to 5.000 V
± 35 mV. The reference is trimmed to provide a typical drift of
3 ppm/°C. This typical drift characteristic is shown in Figure 19.
External 2.5 V Reference and Internal Buffer (REF = 5 V,
PDREF = High, PDBUF = Low)
To use an external reference with the internal buffer, PDREF
should be high and PDBUF should be low. This powers down
the internal reference and allows the 2.5 V reference to be applied
to REFBUFIN, producing 5 V on the REF pin. The internal
reference buffer is useful in multiconverter applications because
a buffer is typically required in these applications.
External 5 V Reference (PDREF = High, PDBUF = High)
To use an external reference directly on the REF pin, PDREF
and PDBUF should both be high. PDREF and PDBUF power
down the internal reference and the internal reference buffer,
respectively. For improved drift performance, an external
reference, such as the ADR445 or the ADR435, is recommended.
Reference Decoupling
Whether using an internal or external reference, the AD7952
voltage reference input (REF) has a dynamic input impedance;
therefore, it should be driven by a low impedance source with
efficient decoupling between the REF and REFGND inputs. This
decoupling depends on the choice of the voltage reference but
usually consists of a low ESR capacitor connected to REF and
REFGND with minimum parasitic inductance. A 22 μF (X5R,
1206 size) ceramic chip capacitor (or 47 μF tantalum capacitor)
is appropriate when using either the internal reference or the
ADR445/ADR435 external reference.
The placement of the reference decoupling is also important to
the performance of the AD7952. The decoupling capacitor should
be mounted on the same side as the ADC, right at the REF pin
with a thick PCB trace. The REFGND should also connect to
the reference decoupling capacitor with the shortest distance
and to the analog ground plane with several vias.
For applications that use multiple AD7952s or other PulSAR
devices, it is more effective to use the internal reference buffer
to buffer the external 2.5 V reference voltage.
The voltage reference temperature coefficient (TC) directly impacts
full scale; therefore, in applications where full-scale accuracy
matters, care must be taken with the TC. For instance, a
±60 ppm/°C TC of the reference changes full scale by ±1 LSB/°C.
Temperature Sensor
When the internal reference is enabled (PDREF = PDBUF =
low), the on-chip temperature sensor output (TEMP) is enabled
and can be use to measure the temperature of the AD7952. To
improve the calibration accuracy over the temperature range, the
output of the TEMP pin is applied to one of the inputs of the
analog switch (such as ADG779), and the ADC itself is used to
measure its own temperature. This configuration is shown
in Figure 31.
ADG779
CC
ANALOG INPUT
AD7952
IN+
TEMPERATURE
SENSOR
TEMP
Figure 31. Use of the Temperature Sensor
POWER SUPPLIES
The AD7952 uses five sets of power supply pins:
•
AVDD: analog 5 V core supply
•
VCC: analog high voltage, positive supply
•
VEE: high voltage, negative supply
•
DVDD: digital 5 V core supply
•
OVDD: digital input/output interface supply
Core Supplies
The AVDD and DVDD supply the AD7952 analog and digital
cores, respectively. Sufficient decoupling of these supplies is
required, consisting of at least a 10 μF capacitor and a 100 nF
capacitor on each supply. The 100 nF capacitors should be
placed as close as possible to the AD7952. To reduce the number
of supplies needed, the DVDD can be supplied through a simple
RC filter from the analog supply, as shown in Figure 27.
High Voltage Supplies
The high voltage bipolar supplies, VCC and VEE, are required
and must be at least 2 V larger than the maximum input, VIN.
For example, if using the bipolar 10 V range, the supplies should
be ±12 V minimum. Sufficient decoupling of these supplies is
also required, consisting of at least a 10 μF capacitor and a
100 nF capacitor on each supply. For unipolar operation, the
VEE supply can be grounded with some slight THD
performance degradation.
Digital Output Supply
The OVDD supplies the digital outputs and allows direct
interface with any logic working between 2.3 V and 5.25 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com