Electronic Components Datasheet Search
  English  ▼

X  

AD7612 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7612
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7612 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7612 Datasheet HTML 6Page - Analog Devices AD7612 Datasheet HTML 7Page - Analog Devices AD7612 Datasheet HTML 8Page - Analog Devices AD7612 Datasheet HTML 9Page - Analog Devices AD7612 Datasheet HTML 10Page - Analog Devices AD7612 Datasheet HTML 11Page - Analog Devices AD7612 Datasheet HTML 12Page - Analog Devices AD7612 Datasheet HTML 13Page - Analog Devices AD7612 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7952
Rev. 0 | Page 10 of 32
Pin No.
Mnemonic
Type1
Description
24
D9 or
DO
In parallel mode, this output is used as Bit 9 of the parallel port data output bus.
RDERROR
Serial Data Read Error. In serial slave mode (SER/PAR = high, EXT/INT = high), this output is used as
an incomplete data read error flag. If a data read is started and not completed when the current
conversion is completed, the current data is lost and RDERROR is pulsed high.
25
D10 or
DI/O
In parallel mode, this output is used as Bit 10 of the parallel port data output bus.
HW/SW
Serial Configuration Hardware/Software Select. In serial mode, this input is used to configure
the AD7952 by hardware or software. See the Hardware Configuration section and Software
Configuration section.
When HW/SW = low, the AD7952 is configured through software using the serial configuration register.
When HW/SW = high, the AD7952 is configured through dedicated hardware input pins.
26
D11 or
DI/O
In parallel mode, this output is used as Bit 11 of the parallel port data output bus.
SCIN
Serial Configuration Data Input. In serial software configuration mode (SER/PAR = high, HW/SW = low),
this input is used to serially write in, MSB first, the configuration data into the serial configuration
register. The data on this input is latched with SCCLK. See the Software Configuration section.
27
D12 or
DI/O
In parallel mode, this output is used as Bit 12 of the parallel port data output bus.
SCCLK
Serial Configuration Clock. In serial software configuration mode (SER/PAR = high, HW/SW = low), this
input is used to clock in the data on SCIN. The active edge where the data SCIN is updated depends
on the logic state of the INVSCLK pin. See the Software Configuration section.
28
D13 or
DI/O
In parallel mode, this output is used as Bit 13 of the parallel port data output bus.
SCCS
Serial Configuration Chip Select. In serial software configuration mode (SER/PAR = high, HW/SW = low),
this input enables the serial configuration port. See the Software Configuration section.
29
BUSY
DO
Busy Output. Transitions high when a conversion is started and remains high until the conversion
is completed and the data is latched into the on-chip shift register. The falling edge of BUSY can be
used as a data-ready clock signal. Note that in master read after convert mode (SER/PAR = high,
EXT/INT = low, RDC = low), the busy time changes according to Table 4.
30
TEN
DI2
Input Range Select. Used in conjunction with BIPOLAR per the following.
Input Range (V)
BIPOLAR
TEN
0 to 5
Low
Low
0 to 10
Low
High
±5
High
Low
±10
High
High
31
RD
DI
Read Data. When CS and RD are both low, the interface parallel or serial output bus is enabled.
32
CS
DI
Chip Select. When CS and RD are both low, the interface parallel or serial output bus is enabled. CS
is also used to gate the external clock in slave serial mode (not used for serial configurable port).
33
RESET
DI
Reset Input. When high, reset the AD7952. Current conversion, if any, is aborted. The falling edge of
RESET resets the data outputs to all zeros (with OB/2C = high) and clears the configuration register.
See the Digital Interface section. If not used, this pin can be tied to OGND.
34
PD
DI2
Power-Down Input. When PD = high, powers down the ADC. Power consumption is reduced and
conversions are inhibited after the current one is completed. The digital interface remains active
during power-down.
35
CNVST
DI
Conversion Start. A falling edge on CNVST puts the internal sample-and-hold into the hold state and
initiates a conversion.
36
BIPOLAR
DI2
Input Range Select. See description for Pin 30.
37
REF
AI/O
Reference Input/Output. When PDREF/PDBUF = low, the internal reference and buffer are enabled,
producing 5 V on this pin. When PDREF/PDBUF = high, the internal reference and buffer are disabled,
allowing an externally supplied voltage reference up to AVDD volts. Decoupling with at least a 22 μF
capacitor is required with or without the internal reference and buffer. See the Reference Decoupling
section.
38
REFGND
AI
Reference Input Analog Ground. Connected to analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com