Electronic Components Datasheet Search
  English  ▼

X  

AD7612 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7612
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7612 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7612 Datasheet HTML 19Page - Analog Devices AD7612 Datasheet HTML 20Page - Analog Devices AD7612 Datasheet HTML 21Page - Analog Devices AD7612 Datasheet HTML 22Page - Analog Devices AD7612 Datasheet HTML 23Page - Analog Devices AD7612 Datasheet HTML 24Page - Analog Devices AD7612 Datasheet HTML 25Page - Analog Devices AD7612 Datasheet HTML 26Page - Analog Devices AD7612 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AD7952
Rev. 0 | Page 23 of 32
Power Down
OVDD should be set to the same level as the system interface.
Sufficient decoupling is required, consisting of at least a 10 μF
capacitor and a 100 nF capacitor with the 100 nF capacitors
placed as close as possible to the AD7952.
Setting PD = high powers down the AD7952, thus reducing
supply currents to their minimums, as shown in Figure 23. When
the ADC is in power-down, the current conversion (if any) is
completed and the digital bus remains active. To further reduce
the digital supply currents, drive the inputs to OVDD or OGND.
Power Sequencing
The AD7952 is independent of power supply sequencing and is
very insensitive to power supply variations on AVDD over a wide
frequency range, as shown in Figure 32.
Power-down can also be programmed with the configuration
register. See the Software Configuration section for details. Note
that when using the configuration register, the PD input is a
don’t care and should be tied to either high or low.
80
75
1
10000
FREQUENCY (kHz)
10
100
1000
70
65
60
55
50
45
40
35
30
EXT REF
INT REF
CONVERSION CONTROL
The AD7952 is controlled by the CNVST input. A falling edge
on CNVST is all that is necessary to initiate a conversion. A
detailed timing diagram of the conversion process is shown in
Figure 34. Once initiated, it cannot be restarted or aborted,
even by the power-down input, PD, until the conversion is
completed. The CNVST signal operates independently of the CS
and RD signals.
BUSY
MODE
CONVERT
ACQUIRE
ACQUIRE
CONVERT
CNVST
t1
t2
t4
t3
t5
t6
t7
t8
Figure 32. AVDD PSRR vs. Frequency
Power Dissipation vs. Throughput
In impulse mode, the AD7952 automatically reduces its power
consumption at the end of each conversion phase. During the
acquisition phase, the operating currents are very low, which allows
a significant power savings when the conversion rate is reduced
(see Figure 33). This feature makes the AD7952 ideal for very
low power, battery-operated applications.
Figure 34. Basic Conversion Timing
Although CNVST is a digital signal, it should be designed with
special care with fast, clean edges, and levels with minimum
overshoot, undershoot, or ringing.
It should be noted that the digital interface remains active even
during the acquisition phase. To reduce the operating digital supply
currents even further, drive the digital inputs close to the power
rails (that is, OVDD and OGND).
The CNVST trace should be shielded with ground, and a low value
(such as 50 Ω) serial resistor termination should be added close
to the output of the component that drives this line.
1000
1
10
1000000
100
10
100
1000
10000
100000
PDREF = PDBUF = HIGH
WARP MODE POWER
IMPULSE MODE POWER
For applications where SNR is critical, the CNVST signal should
have very low jitter. This can be achieved by using a dedicated
oscillator for CNVST generation, or by clocking CNVST with a
high frequency, low jitter clock, as shown in Figure 27.
Figure 33. Power Dissipation vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com