Electronic Components Datasheet Search
  English  ▼

X  

AD7674 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7674
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7674 Datasheet HTML 8Page - Analog Devices AD7674 Datasheet HTML 9Page - Analog Devices AD7674 Datasheet HTML 10Page - Analog Devices AD7674 Datasheet HTML 11Page - Analog Devices AD7674 Datasheet HTML 12Page - Analog Devices AD7674 Datasheet HTML 13Page - Analog Devices AD7674 Datasheet HTML 14Page - Analog Devices AD7674 Datasheet HTML 15Page - Analog Devices AD7674 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7952
Rev. 0 | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = 5 V; OVDD = 5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; TA = 25°C.
–1.0
–0.5
0
0.5
1.0
0
4096
8192
12288
16384
CODE
POSITIVE INL = +0.15
NEGATIVE INL = –0.15
Figure 5. Integral Nonlinearity vs. Code
0
50
100
150
200
250
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
NEGATIVE INL
POSITIVE INL
INL DISTRIBUTION (LSB)
Figure 6. Integral Nonlinearity Distribution (239 Devices)
0
50000
100000
150000
200000
250000
300000
1FFF
2000
2001
2002
2003
CODE IN HEX
00
261120
00
Figure 7. Histogram of 261,120 Conversions of a DC Input
at the Code Center
–1.0
–0.5
0
0.5
1.0
0
4096
8192
12288
16384
CODE
POSITIVE DNL = +0.27
NEGATIVE DNL = –0.27
Figure 8. Differential Nonlinearity vs. Code
0
20
40
60
80
100
120
140
160
180
200
–1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
1.0
NEGATIVE DNL
POSITIVE DNL
DNL DISTRIBUTION (LSB)
Figure 9. Differential Nonlinearity Distribution (239 Devices)
0
20000
40000
60000
80000
100000
120000
140000
8192
8193
8194
8195
8196
8197
00
132052
0
129068
0
CODE IN HEX
Figure 10. Histogram of 261,120 Conversions of a DC Input
at the Code Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com