Electronic Components Datasheet Search
  English  ▼

X  

AD7674 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7674
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674 Datasheet(HTML) 3 Page - Analog Devices

  AD7674 Datasheet HTML 1Page - Analog Devices AD7674 Datasheet HTML 2Page - Analog Devices AD7674 Datasheet HTML 3Page - Analog Devices AD7674 Datasheet HTML 4Page - Analog Devices AD7674 Datasheet HTML 5Page - Analog Devices AD7674 Datasheet HTML 6Page - Analog Devices AD7674 Datasheet HTML 7Page - Analog Devices AD7674 Datasheet HTML 8Page - Analog Devices AD7674 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7952
Rev. 0 | Page 3 of 32
SPECIFICATIONS
AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ANALOG INPUTS
Differential Voltage Range, VIN
(VIN+) − (VIN−)
0 V to 5 V
VIN = 10 V p-p
−VREF
+VREF
V
0 V to 10 V
VIN = 20 V p-p
−2 VREF
+2 VREF
V
±5 V
VIN = 20 V p-p
−2 VREF
+2 VREF
V
±10 V
VIN = 40 V p-p
−4 VREF
+4 VREF
V
Operating Voltage Range
VIN+, VIN− to AGND
0 V to 5 V
−0.1
+5.1
V
0 V to 10 V
−0.1
+10.1
V
±5 V
−5.1
+5.1
V
±10 V
−10.1
+10.1
V
Common-Mode Voltage Range
VIN+, VIN−
5 V
VREF/2 − 0.1
VREF/2
VREF/2 + 0.1
V
10 V
VREF − 0.2
VREF
VREF + 0.2
V
Bipolar Ranges
−0.1
0
+0.1
V
Analog Input CMRR
fIN = 100 kHz
75
dB
Input Current
VIN = ±5 V, ±10 V @ 670 kSPS
2201
μA
Input Impedance
See Analog Inputs section
THROUGHPUT SPEED
Complete Cycle
In warp mode
1
μs
Throughput Rate
In warp mode
1
1
MSPS
Time Between Conversions
In warp mode
1
ms
Complete Cycle
In normal mode
1.25
μs
Throughput Rate
In normal mode
0
800
kSPS
Complete Cycle
In impulse mode
1.49
μs
Throughput Rate
In impulse mode
0
670
kSPS
DC ACCURACY
Integral Linearity Error2
−1
±0.3
+1
LSB3
No Missing Codes2
14
Bits
Differential Linearity Error2
−1
+1
LSB
Transition Noise
0.55
LSB
Zero Error (Unipolar or Bipolar)
−15
+15
LSB
Zero-Error Temperature Drift
±1
ppm/°C
Full-Scale Error (Unipolar or Bipolar)
−20
+20
LSB
Full-Scale Error Temperature Drift
±1
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
±0.8
LSB
AC ACCURACY
Dynamic Range
fIN = 2 kHz, −60 dB
84.5
85.5
dB4
Signal-to-Noise Ratio, SNR
fIN = 2 kHz
84.5
85.5
dB
fIN = 20 kHz
85.5
dB
Signal-to-(Noise + Distortion), SINAD
fIN = 2 kHz
83
85.4
dB
Total Harmonic Distortion
fIN = 2 kHz
−105
dB
Spurious-Free Dynamic Range
fIN = 2 kHz
102
dB
−3 dB Input Bandwidth
VIN = 0 V to 5 V
45
MHz
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-scale step
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com