Electronic Components Datasheet Search
  English  ▼

X  

RT8207P Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8207P
Description  Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8207P Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8207P Datasheet HTML 9Page - Richtek Technology Corporation RT8207P Datasheet HTML 10Page - Richtek Technology Corporation RT8207P Datasheet HTML 11Page - Richtek Technology Corporation RT8207P Datasheet HTML 12Page - Richtek Technology Corporation RT8207P Datasheet HTML 13Page - Richtek Technology Corporation RT8207P Datasheet HTML 14Page - Richtek Technology Corporation RT8207P Datasheet HTML 15Page - Richtek Technology Corporation RT8207P Datasheet HTML 16Page - Richtek Technology Corporation RT8207P Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
DS8207P-03
September 2016
www.richtek.com
RT8207P
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (20
μs/Div)
IL
(10A/Div)
VDDQ
(50mV/Div)
LGATE
(10V/Div)
DDRIII, VIN = 12V, VDDQ = 1.5V, S3 = GND, S5 = 5V
ILOAD = 0.1A to 10A
UGATE
(20V/Div)
VDDQ Load Transient Response
VTT Load Transient Response
Time (200
μs/Div)
VTT - VTTREF
(20mV/Div)
DDRIII, VIN = 12V, VDDQ = 1.5V, S3 = S5 = 5V,
IVTT =
−1.5A to 1.5A
VTT
(20mV/Div)
IVTT
(2A/Div)
VTTREF
(20mV/Div)
VTT Load Transient Response
Time (200
μs/Div)
DDRII, VIN = 12V, VDDQ = 1.8V, S3 = S5 = 5V,
IVTT =
−1.5A to 1.5A
VTT
(20mV/Div)
IVTT
(2A/Div)
VTTREF
(20mV/Div)
VTT - VTTREF
(20mV/Div)
OVP
Time (40
μs/Div)
VIN = 12V, VDDQ = 1.5V, S3 = GND, S5 = 5V
No Load
PGOOD
(5V/Div)
VDDQ
(1V/Div)
LGATE
(5V/Div)
Shutdown
Time (400
μs/Div)
VDDQ
(1V/Div)
VDDQ = 1.5V, S3 = S5 = 5V
VTT
(1V/Div)
VTTREF
(500mV/Div)
S5
(5V/Div)
No Load
Tracking Mode
VIN = 12V
VDDQ Load Transient Response
Time (20
μs/Div)
VDDQ
(50mV/Div)
LGATE
(10V/Div)
UGATE
(20V/Div)
IL
(10A/Div)
DDRII, VIN = 12V, VDDQ = 1.8V, S3 = GND, S5 = 5V,
ILOAD = 0.1A to 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com