Electronic Components Datasheet Search
  English  ▼

X  

RT8207P Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8207P
Description  Complete DDRII/DDRIII/Low-Power DDRIII/DDRIV/Low-Power DDRIV Memory Power Supply Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8207P Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8207P Datasheet HTML 1Page - Richtek Technology Corporation RT8207P Datasheet HTML 2Page - Richtek Technology Corporation RT8207P Datasheet HTML 3Page - Richtek Technology Corporation RT8207P Datasheet HTML 4Page - Richtek Technology Corporation RT8207P Datasheet HTML 5Page - Richtek Technology Corporation RT8207P Datasheet HTML 6Page - Richtek Technology Corporation RT8207P Datasheet HTML 7Page - Richtek Technology Corporation RT8207P Datasheet HTML 8Page - Richtek Technology Corporation RT8207P Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
DS8207P-03
September 2016
www.richtek.com
RT8207P
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
WQFN-20L 3x3
VTTREF
GND
VTTGND
VTTSNS
LGATE
PGND
VDDP
CS
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
GND
21
11
5
16
VDDQ
VDD
10
Marking Information
4B=YM
DNN
4B= : Product Code
YMDNN : Date Code
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VTTGND
Power ground output for VTT LDO.
2
VTTSNS
Voltage sense input for VTT LDO. Connect to the terminal of the VTT LDO
output capacitor.
3,
21 (Exposed Pad)
GND
Analog ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum thermal dissipation.
4
VTTREF
Buffered reference output.
5
VDDQ
Reference input for VTT and VTTREF. Discharge current sinking terminal for
VDDQ non-tracking discharge. Output voltage feedback input for VDDQ output
if the FB pin is connected to VDD or GND.
6
FB
VDDQ output setting. Connect to GND for DDR3 (VVDDQ = 1.5V) power supply.
Connect to VDD for DDR2 (VVDDQ = 1.8V) power supply. Or connect to a
resistive voltage divider from VDDQ to GND to adjust the output of PWM from
0.75V to 3.3V.
7
S3
S3 signal input.
8
S5
S5 signal input
9
TON
Set the UGATE on time through a pull-up resistor connecting to VIN.
10
PGOOD
Power good open drain output. In High state when VDDQ output voltage is
within the target range.
11
VDD
Supply input for analog supply.
12
VDDP
Supply input for LGATE gate driver.
13
CS
Current limit threshold setting input. Connect to VDD through the voltage setting
resistor.
14
PGND
Power ground for low side MOSFET.
15
LGATE
Low side gate driver output for VDDQ.
16
PHASE
Switch node. External inductor connection for VDDQ and behave as the current
sense comparator input for Low Side MOSFET RDS(ON) sensing.
17
UGATE
High side gate driver output for VDDQ.
18
BOOT
Boost flying capacitor connection for VDDQ.
19
VLDOIN
Power supply for VTT LDO.
20
VTT
Power output for VTT LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com