Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC549_06 Datasheet HTML 14Page - Texas Instruments TMS320VC549_06 Datasheet HTML 15Page - Texas Instruments TMS320VC549_06 Datasheet HTML 16Page - Texas Instruments TMS320VC549_06 Datasheet HTML 17Page - Texas Instruments TMS320VC549_06 Datasheet HTML 18Page - Texas Instruments TMS320VC549_06 Datasheet HTML 19Page - Texas Instruments TMS320VC549_06 Datasheet HTML 20Page - Texas Instruments TMS320VC549_06 Datasheet HTML 21Page - Texas Instruments TMS320VC549_06 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
multiply-by-N clock option − PLL enabled
The frequency of the reference clock provided at the X2/CLKIN pin can be multiplied by a factor of N to generate
the internal machine cycle.
When an external clock source is used, the frequency injected must conform to specifications listed in the timing
requirements table.
switching characteristics over recommended operating conditions for multiply-by-N clock option
− PLL enabled [H = 0.5tc(CO)] (see Figure 2 and Figure 4, and the recommended operating
conditions table)
PARAMETER
549-80
549-100
549-120
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT
12.5
tc(CI)/N
10
tc(CI)/N
8.33
tc(CI)/N
ns
td(CIH-CO)
Delay time, X2/CLKIN high/low to
CLKOUT high/low
3
6
10
3
6
10
3
6
10
ns
tf(CO)
Fall time, CLKOUT
2
2
2
ns
tr(CO)
Rise time, CLKOUT
2
2
2
ns
tw(COL)
Pulse duration, CLKOUT low
H− 3
H− 1
H
H− 2
H−1
H
H− 2
H−1
H
ns
tw(COH)
Pulse duration, CLKOUT high
H− 3
H− 1
H
H− 2
H− 1
H
H− 2
H− 1
H
ns
tp
Transitory phase, PLL lock-up time
29
35
45
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com