Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC549 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC549_06 Datasheet HTML 23Page - Texas Instruments TMS320VC549_06 Datasheet HTML 24Page - Texas Instruments TMS320VC549_06 Datasheet HTML 25Page - Texas Instruments TMS320VC549_06 Datasheet HTML 26Page - Texas Instruments TMS320VC549_06 Datasheet HTML 27Page - Texas Instruments TMS320VC549_06 Datasheet HTML 28Page - Texas Instruments TMS320VC549_06 Datasheet HTML 29Page - Texas Instruments TMS320VC549_06 Datasheet HTML 30Page - Texas Instruments TMS320VC549_06 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
memory and parallel I/O interface timing (continued)
switching characteristics over recommended operating conditions for a parallel I/O port write
(IOSTRB = 0) [H = 0.5 tc(CO)] (see Figure 8)†
PARAMETER
549-80
549-100
549-120
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
td(CLKL-A)
Delay time, address valid from CLKOUT low‡
− 1
5
− 1
4
− 1
4
ns
td(CLKH-ISTRBL)
Delay time, IOSTRB low from CLKOUT high
0
5
0
4
0
4
ns
td(CLKH-D)IOW
Delay time, write data valid from CLKOUT high
H−5
H+7
H−5
H+7
H−5
H+6
ns
td(CLKH-ISTRBH)
Delay time, IOSTRB high from CLKOUT high
− 1
5
− 1
4
− 1
4
ns
td(CLKL-RWL)
Delay time, R/W low from CLKOUT low
0
5
0
4
0
4
ns
td(CLKL-RWH)
Delay time, R/W high from CLKOUT low
0
5
0
4
0
4
ns
th(A)IOW
Hold time, address valid from CLKOUT low‡
− 1
5
− 1
4
− 1
4
ns
th(D)IOW
Hold time, write data after IOSTRB high
H−4
H+4
H−3
H+3
H−3
H+3
ns
tsu(D)IOSTRBH
Setup time, write data before IOSTRB high
H−5
H+1
H−5
H+1
H−5
H
ns
tsu(A)IOSTRBL
Setup time, address valid before IOSTRB low
H−5
H+5
H−3
H+3
H−3
H+3
ns
† See Table 1, Table 2, and Table 3 for address bus timing variation with load capacitance.
‡ Address and IS timings are included in timings referenced as address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com