Electronic Components Datasheet Search
  English  ▼

X  

TAS5015IPFB Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5015IPFB
Description  TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015IPFB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5015IPFB Datasheet HTML 3Page - Texas Instruments TAS5015IPFB Datasheet HTML 4Page - Texas Instruments TAS5015IPFB Datasheet HTML 5Page - Texas Instruments TAS5015IPFB Datasheet HTML 6Page - Texas Instruments TAS5015IPFB Datasheet HTML 7Page - Texas Instruments TAS5015IPFB Datasheet HTML 8Page - Texas Instruments TAS5015IPFB Datasheet HTML 9Page - Texas Instruments TAS5015IPFB Datasheet HTML 10Page - Texas Instruments TAS5015IPFB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
7
www.ti.com
functional description (continued)
Initialization Time = 100 ms max
RESET
PDN
VALID_L
VALID_R
Figure 1. Power-Up Timing (RESET Preceding PDN)
Initialization Time = 5 ms max
RESET
PDN
Greater Than 16 MCLK Periods
VALID_L
VALID_R
Figure 2. Power-Up Timing (PDN Preceding RESET)
reset
The reset signal for the TAS5015 must be applied whenever toggling the M_S, DBSPD signal. This reset is
asynchronous. See Figure 3 for reset timing. To initiate the reset sequence the RESET pin is asserted low. As
long as the pin is held low the chip is in the reset state. During this reset time, the PWM outputs are hard-muted
(P-outputs held low and M-outputs held high) and the PWM outputs valid pins (VALID_L. VALID_R) are held
low. Assuming PDN is high, the rising edge of the reset pulse begins chip initialization. After the initialization
time, the TAS5015 begins normal operation.
Initialization
Normal
Operation
RESET
PDN
Normal Operation
5 ms max
VALID_L
VALID_R
Figure 3. Reset Timing
power down
Note that power down is an asynchronous operation. To place the device in total power-down mode, both
RESET and PDN must be held low. As long as these pins are held low, the chip is in the power-down state and
the PWM outputs are hard muted with the P outputs held low and the M outputs held high. To place the device
back into normal mode, see the power up section.
NOTE:
In order for the dynamic logic to be properly powered down, the clocks should not be stopped before
the PDN pin goes low. Otherwise, the device may drain additional supply current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com