Electronic Components Datasheet Search
  English  ▼

X  

TAS5015IPFB Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5015IPFB
Description  TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015IPFB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5015IPFB Datasheet HTML 8Page - Texas Instruments TAS5015IPFB Datasheet HTML 9Page - Texas Instruments TAS5015IPFB Datasheet HTML 10Page - Texas Instruments TAS5015IPFB Datasheet HTML 11Page - Texas Instruments TAS5015IPFB Datasheet HTML 12Page - Texas Instruments TAS5015IPFB Datasheet HTML 13Page - Texas Instruments TAS5015IPFB Datasheet HTML 14Page - Texas Instruments TAS5015IPFB Datasheet HTML 15Page - Texas Instruments TAS5015IPFB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
12
www.ti.com
functional description (continued)
DSP compatible serial interface format (for 16 bits)
SCLK
LRCLK = fs
SDIN
Left Channel
(MSB = 15)
Right Channel
(MSB = 15)
15
14
13
0
15
14
13
0
Figure 10. DSP Compatible Serial Interface Format
Note the following characteristic of this protocol.
–
Serial data is sampled with the falling edge of SCLK.
PWM Outputs
The TAS5015 is designed to be used with a discrete back-end. The TAS5015 PWM outputs provide differential
3.3-V square-wave signals. During normal operation these outputs represent the input PCM audio in the
pulse-width modulation scheme. In the hard-mute state the P outputs (PWM_AP_L, PWM_BP_L, PWM_AP_R,
and PWM_BP_R) are held low and the M outputs (PWM_AM_L, PWM_BM_L, PWM_AM_R, and PWM_BM_R)
are held high. In the quiet-mute state the differential PWM outputs have a 50% duty cycle.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Analog supply voltage range, AVDD1, AVDD2
– 0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital power supply voltage, DVDD1, DVDD2, DVDD3_L, DVDD3_R
– 0.3 V to 4.2 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage, VI (see Note 6)
– 0.3 V to DVDDX + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 6: DVDD1, DVDD2, DVDD3_L, DVDD3_R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com