Electronic Components Datasheet Search
  English  ▼

X  

RT4823WSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4823WSC
Description  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 14Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 15Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4823-01
September 2022
12
3
VOUT
(0.1V/Div)
Load Transient
Time (0.1ms/Div)
IOUT
(0.2V/Div)
VIN = 3.6V, VOUT = 5V, IOUT = 50mA to 500mA,
tR = tF =10s
3
VOUT
(0.1V/Div)
IOUT
(0.2V/Div)
Time (0.1ms/Div)
Load Transient
VIN = 3.6V, VOUT = 5V, IOUT = 0mA to 750mA,
tR = tF =10s
3
VOUT
(0.1V/Div)
IOUT
(0.5V/Div)
Load Transient
Time (0.1ms/Div)
VIN = 3.6V, VOUT = 5V,
IOUT = 750mA to 1500mA,tR = tF =10s
3
IOUT
(0.5V/Div)
Sine Waveform Stability
Time (5ms/Div)
VOUT
(0.1V/Div)
VIN = 3.6V, VOUT = 5V
2
4
SW
(4A/Div)
VOUT
(0.1V/Div)
Time (20ms/Div)
PFM Output Ripple
VIN = 3.6V, VOUT = 5V, IOUT = 0A
ILX
(0.4A/Div)
2
4
SW
(4A/Div)
ILX
(0.4A/Div)
Time (20ms/Div)
PFM Output Ripple
VIN = 4.5V, VOUT = 5V, IOUT = 0A
VOUT
(0.1V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com