Electronic Components Datasheet Search
  English  ▼

X  

RT4823WSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT4823WSC
Description  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT4823WSC Datasheet HTML 10Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 11Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 12Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 13Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 14Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 15Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 16Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 17Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4823-01
September 2022
14
Application Information
Enable
The device can be enabled or disabled by the EN pin.
When the EN pin is higher than the threshold of
logic-high, the device starts operating with soft-start.
Once the EN pin is set at low, the device will be shut
down. In shutdown mode, the converter stops
switching, internal control circuitry is turned off, and
the load is disconnected from the input. This also
means that the output voltage can drop below the
input voltage during shutdown.
Power Frequency Modulation (PFM)
PFM is used to improve efficiency at light load. When
the output voltage is lower than a set threshold
voltage, the converter will operate in PFM. It raises
the output voltage with several pulses until the loop
exits PFM.
Thermal Shutdown
The device has a built-in temperature sensor which
monitors the internal junction temperature. If the
temperature exceeds the threshold, the device stops
operating. As soon as the IC temperature decreases
below the threshold with a hysteresis, it starts
operating again. The built-in hysteresis is designed to
avoid unstable operation at IC temperatures near the
over temperature threshold.
Inductor Selection
The primary concern of inductor selection is the
maximum loading of the application. The example is
given by the application condition and equations
below.
Application condition:
VIN = 3.6V, VOUT = 5V, IOUT = 1.3A, converter
efficiency = 90.2%, Frequency = 3.5MHz, L = 1
H.
Step 1 : To calculate input current (IIN).
OUT
OUT
IN
IN
VI
I
2.001A
V
Eff
==
Step 2 : To calculate duty cycle of boost converter.
IN
OUT
V
D
1
0.28
V
= −
=
Step 3 : To calculate peak current of inductor.
IN
L(Peak)
IN
VD
I
I
0.5
2.145A
L Freq.
=
+
=
The recommended nominal inductance value is 1
H.
It is recommended to use inductor with dc saturation
current
 2200mA.
Input Capacitor Selection
At least an input capacitor of 4.7
F and the rate
voltage of 6.3V for DC bias is recommended to
improve transient behavior of the regulator and EMI
behavior of the total power supply circuit for SW. And
input capacitor placed as close as possible to the VIN
and GND pins of the IC is recommended.
Output Capacitor Selection
At least a 10
F capacitors is recommended to
improve VOUT ripple.
Output voltage ripple is inversely proportional to
COUT.
Output capacitor is selected according to output ripple
which is calculated as :
LOAD
RIPPLE(P P)
ON
OUT
IN
ON
SW
SW
OUT
IN
LOAD
OUT
SW
OUT
RIPPLE(P P)
SW
SW
I
Vt
C
and
V
t
t
D
t
1
V
therefore :
VI
C
t
1
VV
and
1
t
f
−
−
=

=
 =
 −



=
 −


=
The maximum VRIPPLE occurs at minimum input
voltage and maximum output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com