Electronic Components Datasheet Search
  English  ▼

X  

RT5133 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5133
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5133 Datasheet HTML 1Page - Richtek Technology Corporation RT5133 Datasheet HTML 2Page - Richtek Technology Corporation RT5133 Datasheet HTML 3Page - Richtek Technology Corporation RT5133 Datasheet HTML 4Page - Richtek Technology Corporation RT5133 Datasheet HTML 5Page - Richtek Technology Corporation RT5133 Datasheet HTML 6Page - Richtek Technology Corporation RT5133 Datasheet HTML 7Page - Richtek Technology Corporation RT5133 Datasheet HTML 8Page - Richtek Technology Corporation RT5133 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
R
RT5133
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133-02
February
2021
www.richtek.com
3
Functional Pin Description
Pin No.
Pin Name
Pin Description
A1
PVIN8
Power supply of LDO8.
A2
PVIN7
Power supply of LDO7.
A3
VOUT7
LDO7 regulator output.
A4
VOUT3
LDO3 regulator output.
A5
PVIN3
Power supply of LDO3.
B1
VOUT8
LDO8 regulator output.
B2
GPO1
General Purpose output control 1 for external device.
B3
GPO2
General Purpose output control 2 for external device.
B4
GPO3
General Purpose output control 3 for external device.
B5
VOUT1
LDO1 regulator output.
C1
VDDA
Regulated power input for an internal analog base. Connect a 1
F ceramic
capacitor between VDDA and ground.
C2, C3
AGND
Analog ground. Tie AGND and ground on the PCB.
C4
HWEN
Enable input pin to turn on/off device.
C5
PVIN12
Power supply of LDO1 to 2.
D1
VREF
Internal reference output. It requires a 1
F decouple ceramic capacitor.
D2
IRQB
Active-low open-drain interrupt output. It requests the processor to read the
registers.
D3
SCL
I2C clock signal input.
D4
SDA
I2C data signal input/output (Open-drain).
D5
VOUT2
LDO2 regulator output.
E1
VOUT6
LDO6 regulator output.
E2
PVIN6
Power supply of LDO6.
E3
VOUT5
LDO5 regulator output.
E4
PVIN45
Power supply of LDO4 to 5.
E5
VOUT4
LDO4 regulator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com