Electronic Components Datasheet Search
  English  ▼

X  

RT5133 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5133
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5133 Datasheet HTML 11Page - Richtek Technology Corporation RT5133 Datasheet HTML 12Page - Richtek Technology Corporation RT5133 Datasheet HTML 13Page - Richtek Technology Corporation RT5133 Datasheet HTML 14Page - Richtek Technology Corporation RT5133 Datasheet HTML 15Page - Richtek Technology Corporation RT5133 Datasheet HTML 16Page - Richtek Technology Corporation RT5133 Datasheet HTML 17Page - Richtek Technology Corporation RT5133 Datasheet HTML 18Page - Richtek Technology Corporation RT5133 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
R
RT5133
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133-02
February
2021
www.richtek.com
15
Application Information
The RT5133 is a highly-integrated power management IC, which includes 8 LDOs, 3 GPO for portable camera
module. There are 2 ways to power on/off for each regulator.
1. It can be set at the registers 0x1A for power on and 0x1B for power off. When the HWEN pin toggles from low to
high, it will force all 8 LDO regulators power on. The HWEN pin toggles from high to low, it will force all 8 LDO
regulators to power off. The device also provides delay time selection by EN_TD bit. Because LDO7/8 PVIN is
from external Buck, the external Buck needs to be powered on first before LDO7/8 operates.
2. Individual on/off control by LDOx_EN bit.
VDDA
VOUT1
VOUT6
HWEN
BASE on ready time
~ 4ms
Ext. Buck_EN
Ext. Buck
VOUT7/8
VREF
EN_TD =
0 ~ 10ms
(±20%)
EN_TD =
0 ~ 10ms
(±20%)
Figure 1. Power ON/OFF Control
Over-Temperature Protection
The RT5133 also features over-temperature protection (OTP), and has three sensors of OTP0, OTP1 and OTP2.
They can be enabled in the registers (0x0A[7:5]).
The OTP can be triggered to shut down the device if the junction temperature exceeds TOTP, 150°C typically. The
channels which will be turned off can be selected by register (0x0A[4]).
If the junction temperature drops to TOTP_RECOVER, 110°C typically, the device can be reactivated.
VDDA
The VDDA power is from the VSYS directly and the operating input voltage range is from 2.8V to 5V. It is also a
power input for an internal analog base circuit and it needs to connect a 1
F ceramic capacitor between VDDA and
ground.
The device provides a VDDA Under-Voltage Protection (UVP) once the input voltage drop below 2.6V typically, the
UVP function is started and all channels will be turned off after 1ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com