Electronic Components Datasheet Search
  English  ▼

X  

RT5753B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5753B
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5753B Datasheet HTML 1Page - Richtek Technology Corporation RT5753B Datasheet HTML 2Page - Richtek Technology Corporation RT5753B Datasheet HTML 3Page - Richtek Technology Corporation RT5753B Datasheet HTML 4Page - Richtek Technology Corporation RT5753B Datasheet HTML 5Page - Richtek Technology Corporation RT5753B Datasheet HTML 6Page - Richtek Technology Corporation RT5753B Datasheet HTML 7Page - Richtek Technology Corporation RT5753B Datasheet HTML 8Page - Richtek Technology Corporation RT5753B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RT5753A/B/C/D
®
DS5753A/B/C/D-03 May 2022
www.richtek.com
1
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
3A, 1.2MHz, 6V Synchronous Step-Down Converter
In WDFN-8L 2x2
General Description
The RT5753A/B/C/D is a simple, easy-to-use, 3A
synchronous step-down DC-DC converter with an input
supply voltage range from 2.5V to 6V. The device builds
in an accurate 0.6V reference voltage and integrates low
RDS(ON) power MOSFETs to achieve high efficiency in
WDFN-8L 2x2 and WDFN-8SL 2x2 packages.
The RT5753A/B/C/D adopts Advanced Constant On-Time
(ACOT®) control architecture to provide an ultrafast
transient response with few external components and to
operate in nearly constant switching frequency over the
line, load, and output voltage range. The RT5753A/C
operates in automatic PSM that maintains high efficiency
during light load operation. The RT5753B/D operates in
Forced PWM that helps to meet tight voltage regulation
accuracy requirements.
The RT5753A/B/C/D senses both FETs current for a robust
over-current protection. The device features cycle-by-cycle
current limit protection which prevents the device from
the catastrophic damage in output short circuit, over current
or inductor saturation. A built-in soft-start function prevents
inrush current during start-up. The device also includes
input under-voltage lockout, output under-voltage
protection, over-voltage protection (RT5753AL/BL/CL/DL)
and over-temperature protection to provide safe and smooth
operation in all operating conditions.
Features
Input Voltage Range from 2.5V to 6V
Integrated 100m
Ω
Ω
Ω
Ω
Ω and 70mΩ
Ω
Ω
Ω
Ω FETs
100% Duty Cycle for Lowest Dropout
Internal Reference Voltage with 1% Accuracy
1.2MHz Typical Switching Frequency
Power Saving Mode for Light Loads (RT5753A/C)
Advanced Constant On-Time (ACOT
®) Control
Internal Soft-Start (1.5ms/750
μμμμμs)
Enable Control Input
Power Good Indicator
Both FETs Over-Current Protection
Negative Over-Current Protection (RT5753B/D)
Input Under-Voltage Lockout Protection
Output Under-Voltage Protection
Over-Temperature Protection
RoHS Compliant and Halogen Free
Applications
Mobile Phones and Handheld Devices
STB, Cable Modem, and xDSL Platforms
WLANASIC Power / Storage (SSD and HDD)
General Purpose for POL LV Buck Converters
Simplified Application Circuit
FB
PGND
AGND
PG
VIN
EN
SW
VOUT
VIN
L
CIN
RT5753A/B/C/D
RFB1
RFB2
COUT
VPG
Chip Enable
CFF
RPG


Similar Part No. - RT5753B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5753BHGQW RICHTEK-RT5753BHGQW Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
RT5753BHGQWA RICHTEK-RT5753BHGQWA Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
RT5753BLGQW RICHTEK-RT5753BLGQW Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
RT5753BLGQWA RICHTEK-RT5753BLGQWA Datasheet
974Kb / 30P
3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
November 2023
More results

Similar Description - RT5753B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com