Electronic Components Datasheet Search
  English  ▼

X  

RT5753B Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT5753B
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753B Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT5753B Datasheet HTML 1Page - Richtek Technology Corporation RT5753B Datasheet HTML 2Page - Richtek Technology Corporation RT5753B Datasheet HTML 3Page - Richtek Technology Corporation RT5753B Datasheet HTML 4Page - Richtek Technology Corporation RT5753B Datasheet HTML 5Page - Richtek Technology Corporation RT5753B Datasheet HTML 6Page - Richtek Technology Corporation RT5753B Datasheet HTML 7Page - Richtek Technology Corporation RT5753B Datasheet HTML 8Page - Richtek Technology Corporation RT5753B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
RT5753A/B/C/D
2
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
WDFN-8L 2x2/WDFN-8SL 2x2
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
AGND
EN
SW
NC
FB
PGND
PG
VIN
7
6
5
1
2
3
4
8
9
Package Type
QW : WDFN-8L 2x2 (W-Type)
QWA : WDFN-8SL 2x2 (W-Type)
(Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT5753
UVP Option
H : Hiccup
L : Latched-Off
PWM Operation Mode
A : SS TIME = 1.5m(typ.) & Automatic PSM
B : SS TIME = 1.5m(typ.) & Forced PWM
C : SS TIME = 750µs(typ.) & Automatic PSM
D : SS TIME = 750µs(typ.) & Forced PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com