Electronic Components Datasheet Search
  English  ▼

X  

RT5797B Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5797B
Description  3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5797B Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5797B Datasheet HTML 1Page - Richtek Technology Corporation RT5797B Datasheet HTML 2Page - Richtek Technology Corporation RT5797B Datasheet HTML 3Page - Richtek Technology Corporation RT5797B Datasheet HTML 4Page - Richtek Technology Corporation RT5797B Datasheet HTML 5Page - Richtek Technology Corporation RT5797B Datasheet HTML 6Page - Richtek Technology Corporation RT5797B Datasheet HTML 7Page - Richtek Technology Corporation RT5797B Datasheet HTML 8Page - Richtek Technology Corporation RT5797B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT5797B
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5797B-06
April 2022
www.richtek.com
1
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
General Description
The RT5797B is a high efficiency synchronous step-
down DC-DC converter. Its input voltage range is from
2.7V to 6V and provides an adjustable regulated output
voltage from 0.6V to 3.4V while delivering up to 3A of
output current.
The internal synchronous low on-resistance power
switches increase efficiency and eliminate the need for
an
external
Schottky diode.
The Current
Mode
Constant-On-time (CMCOT) operation with internal
compensation allows the transient response to be
optimized over a wide range of loads and output
capacitors. The RT5797B is available in the WDFN-8L
2x2 package.
Marking Information
2S : Product Code
W : Date Code
2SW
RT5797BLGQW
2T : Product Code
W : Date Code
2TW
RT5797BHGQW
Features
⚫
Efficiency Up to 95%
⚫
RDSON 100m HS / 70m LS
⚫
VIN Range 2.7V to 6V
⚫
VREF 0.6V with 1% Accuracy at 25C
⚫
CMCOT
™ Control Loop Design for Best
Transient Response, Robust Loop Stability with
Low-ESR (MLCC) COUT
⚫
Soft-Start 1.2ms
Applications
⚫
STB, Cable Modem, & xDSL Platforms
⚫
LCD TV Power Supply & Metering Platforms
⚫
General Purpose Point of Load (POL)
Ordering Information
Package Type
QW : WDFN-8L 2x2 (W-Type)
RT5797B
Lead Plating System
G : Green (Halogen Free and Pb Free)
UVP Option
H : Hiccup
L : Latched-Off
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Simplified Application Circuit
VIN
PGND
RT5797B
CIN
EN
VOUT
R1
LX
L
R2
VIN
FB
COUT
PG
SGND


Similar Part No. - RT5797B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5796BHGB RICHTEK-RT5796BHGB Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5796BHGE RICHTEK-RT5796BHGE Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5796BHGJ5 RICHTEK-RT5796BHGJ5 Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5796BHGJ6 RICHTEK-RT5796BHGJ6 Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results

Similar Description - RT5797B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
3A, 1MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
3A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT5710A RICHTEK-RT5710A Datasheet
905Kb / 15P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
November 2019
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com