Electronic Components Datasheet Search
  English  ▼

X  

RT5797B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5797B
Description  3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5797B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5797B Datasheet HTML 8Page - Richtek Technology Corporation RT5797B Datasheet HTML 9Page - Richtek Technology Corporation RT5797B Datasheet HTML 10Page - Richtek Technology Corporation RT5797B Datasheet HTML 11Page - Richtek Technology Corporation RT5797B Datasheet HTML 12Page - Richtek Technology Corporation RT5797B Datasheet HTML 13Page - Richtek Technology Corporation RT5797B Datasheet HTML 14Page - Richtek Technology Corporation RT5797B Datasheet HTML 15Page - Richtek Technology Corporation RT5797B Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT5797B
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5797B-06
April 2022
www.richtek.com
13
Application Information
The RT5797B is a single-phase step-down converter. It
provides single feedback loop constant on-time, current
mode control with fast transient response. An internal
0.6V reference allows the output voltage to be precisely
regulated for low output voltage applications. A fixed
switching frequency (1MHz) oscillator and internal
compensation are integrated to minimize external
component count. Protection features include over
current protection, under voltage protection and over
temperature protection.
Output Voltage Setting
Connect a resistive voltage divider at the FB between
VOUT and GND to adjust the output voltage. The output
voltage is set according to the following equation :
( )
OUT
REF
R1
V
= V
1
R2
+
where VREF is the feedback reference voltage 0.6V
(typ.).
FB
GND
VOUT
R1
R2
Figure 1. Setting VOUT with a Voltage Divider
Chip Enable and Disable
The EN pin allows for power sequencing between the
controller bias voltage and another voltage rail. The
RT5797B remains in shutdown if the EN pin is lower
than 400mV. When the EN pin rises above the VEN trip
point, the RT5797B begins a new initialization and soft-
start cycle.
Internal Soft-Start
The RT5797B provides an internal soft-start function to
prevent large inrush current and output voltage
overshoot when the converter starts up. The soft-start
(SS) automatically begins once the chip is enabled.
During soft-start,
the internal
soft-start
capacitor
becomes charged and generates a linear ramping up
voltage across the capacitor. This voltage clamps the
voltage at the FB pin, causing PWM pulse width to
increase slowly and in turn reduce the input surge
current. The internal 0.6V reference takes over the loop
control once the internal ramping-up voltage becomes
higher than 0.6V.
Over Voltage Protection (OVP)
The RT5797BL provide over voltage protection function
when output voltage over 120%. The IC will be into
Latch-off mode.
UVLO Protection
The RT5797B has input Under Voltage Lockout
protection (UVLO). If the input voltage exceeds the
UVLO rising threshold voltage (2.25V typ.), the
converter resets and prepares the PWM for operation.
If the input voltage falls below the UVLO falling
threshold voltage during normal operation, the device
will stop switching. The UVLO rising and falling
threshold voltage has a hysteresis to prevent noise-
caused reset.
Input Capacitor Selection
High quality ceramic input decoupling capacitor, such
as X5R or X7R, with values greater than 22
F are
recommended for the input capacitor. The X5R and
X7R ceramic capacitors are usually selected for power
regulator capacitors because the dielectric material has
less capacitance variation and more temperature
stability.
Voltage rating and current rating are the key parameters
when selecting an input capacitor. Generally, selecting
an input capacitor with voltage rating 1.5 times greater
than the maximum input voltage is a conservatively safe
design.
The input capacitor is used to supply the input RMS
current, which can be approximately calculated using
the following equation :
OUT
OUT
IN_RMS
LOAD
IN
IN
VV
I
= I
1
VV

 −





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com