Electronic Components Datasheet Search
  English  ▼

X  

RT6203F Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6203F
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203F Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6203F Datasheet HTML 1Page - Richtek Technology Corporation RT6203F Datasheet HTML 2Page - Richtek Technology Corporation RT6203F Datasheet HTML 3Page - Richtek Technology Corporation RT6203F Datasheet HTML 4Page - Richtek Technology Corporation RT6203F Datasheet HTML 5Page - Richtek Technology Corporation RT6203F Datasheet HTML 6Page - Richtek Technology Corporation RT6203F Datasheet HTML 7Page - Richtek Technology Corporation RT6203F Datasheet HTML 8Page - Richtek Technology Corporation RT6203F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
RT6203F
2
DS6203F-00 December 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
1
EN
Enable control input. Connect this pin to logic high can enable the device and
connect this pin to GND can disable the device.
2
VOUT
Output voltage controlled by VID.
3
PVCC
5V power supply output. A capacitor (typical 1
F) should be connected to GND.
4
SDA
Data I/O pin.
5
SCL
Clock I/O pin.
6
SW
Switch output.
7
BOOT
Bootstrap. This capacitor is needed to drive the power switch's gate above the
supply voltage. It is connected between SW and BOOT pins to form a floating
supply across the power switch driver. A 0.1
F capacitor is recommended for
use.
8
VIN
Power input and connected to high-side MOSFET drain.
9 (Exposed Pad)
GND
GND. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.
Functional Pin Description
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Marking Information
RT6203F
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
UVP Trim Operation
N : Non-UVP
PWM/PSM Mode
F : PSM mode
RT6203FN
GSPYMDNN
RT6203FNGSP : Product Number
YMDNN : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com