Electronic Components Datasheet Search
  English  ▼

X  

RT6203F Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT6203F
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203F Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT6203F Datasheet HTML 13Page - Richtek Technology Corporation RT6203F Datasheet HTML 14Page - Richtek Technology Corporation RT6203F Datasheet HTML 15Page - Richtek Technology Corporation RT6203F Datasheet HTML 16Page - Richtek Technology Corporation RT6203F Datasheet HTML 17Page - Richtek Technology Corporation RT6203F Datasheet HTML 18Page - Richtek Technology Corporation RT6203F Datasheet HTML 19Page - Richtek Technology Corporation RT6203F Datasheet HTML 20Page - Richtek Technology Corporation RT6203F Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
RT6203F
20
DS6203F-00 December 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
A
B
J
F
H
M
C
D
I
Y
X
EXPOSED THERMAL PAD
(Bottom of Package)
8-Lead SOP (Exposed Pad) Plastic Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
4.801
5.004
0.189
0.197
B
3.810
4.000
0.150
0.157
C
1.346
1.753
0.053
0.069
D
0.330
0.510
0.013
0.020
F
1.194
1.346
0.047
0.053
H
0.170
0.254
0.007
0.010
I
0.000
0.152
0.000
0.006
J
5.791
6.200
0.228
0.244
M
0.406
1.270
0.016
0.050
X
2.000
2.300
0.079
0.091
Option 1
Y
2.000
2.300
0.079
0.091
X
2.100
2.500
0.083
0.098
Option 2
Y
3.000
3.500
0.118
0.138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com