Electronic Components Datasheet Search
  English  ▼

X  

RT9018C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9018C
Description  Maximum 3A, Ultra Low Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9018C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9018C Datasheet HTML 1Page - Richtek Technology Corporation RT9018C Datasheet HTML 2Page - Richtek Technology Corporation RT9018C Datasheet HTML 3Page - Richtek Technology Corporation RT9018C Datasheet HTML 4Page - Richtek Technology Corporation RT9018C Datasheet HTML 5Page - Richtek Technology Corporation RT9018C Datasheet HTML 6Page - Richtek Technology Corporation RT9018C Datasheet HTML 7Page - Richtek Technology Corporation RT9018C Datasheet HTML 8Page - Richtek Technology Corporation RT9018C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9018C
1
DS9018C-03
September 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
Maximum 3A, Ultra Low Dropout Regulator
Ordering Information
Features
Maximum 3A Low Dropout Voltage Regulator
High Accuracy Output Voltage
±±±±±1.5%
Typically 210mV Dropout at 3A
Power Good Output
Output Voltage Pull Low Resistance when Disable
Thermal and Over Current Protection
RoHS Compliant and Halogen Free
Applications
Front Side Bus VTT (1.2V/3A)
NoteBook PC Applications
Motherboard Applications
Marking Information
(TOP VIEW)
WDFN-10L 3x3
General Description
The RT9018C is a high performance positive voltage
regulator designed for use in applications requiring very
low input voltage and very low dropout voltage at up to 3A
(Peak). It operates with a VIN as low as 1.4V and VDD
voltage 3V with output voltage programmable as low as
0.8V. A significant feature includes ultra low dropout, which
is ideal for applications where VOUT is very close to VIN.
Additionally, there is an enable pin to further reduce power
dissipation while shutdown. The RT9018C provides
excellent regulation over variations in line, load and
temperature. It also provides a power good signal to
indicate whether the voltage level of VOUT has reached
90% of its rating value.
The RT9018C is available in SOP-8 (Exposed Pad) and
WDFN-10L 3x3 packages with 1V, 1.05V, 1.2V, 1.5V, 1.8V
and 2.5V internally preset outputs that are also adjustable
using external resistors.
SOP-8 (Exposed Pad)
PGOOD
EN
VIN
VDD
GND
ADJ
NC
VOUT
GND
2
3
4
5
6
7
8
9
VOUT
VOUT
PGOOD
ADJ
VDD
VIN
VIN
EN
VIN
VOUT
9
8
7
1
2
3
4
5
10
GND
11
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT9018C
GSPYMDNN
RT9018CGSP : Product Number
YMDNN : Date Code
RT9018CGSP
RT9018C-
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
QW : WDFN-10L 3x3
Output Voltage
10 : 1V/Adj
1K : 1.05V/Adj
12 : 1.2V/Adj
15 : 1.5V/Adj
18 : 1.8V/Adj
25 : 2.5V/Adj
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT9018C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9018A RICHTEK-RT9018A Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-10GQW RICHTEK-RT9018A-10GQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-12GQW RICHTEK-RT9018A-12GQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-12PQW RICHTEK-RT9018A-12PQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
RT9018A-15GQW RICHTEK-RT9018A-15GQW Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
More results

Similar Description - RT9018C

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300 Datasheet
346Kb / 11P
3A ULTRA LOW-DROPOUT REGULATOR
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9018A RICHTEK-RT9018A Datasheet
142Kb / 12P
Maximum 3A, Ultra Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7963 EUTECH-EUP7963 Datasheet
258Kb / 13P
3A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8973 A-POWER-APE8973_14 Datasheet
354Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
L11831AG-XX-SH2-R UTC-L11831AG-XX-SH2-R Datasheet
215Kb / 6P
Maximum 3A low-dropout voltage regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
3A, Ultra-Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com