Electronic Components Datasheet Search
  English  ▼

X  

RT9018C Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9018C
Description  Maximum 3A, Ultra Low Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9018C Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9018C Datasheet HTML 1Page - Richtek Technology Corporation RT9018C Datasheet HTML 2Page - Richtek Technology Corporation RT9018C Datasheet HTML 3Page - Richtek Technology Corporation RT9018C Datasheet HTML 4Page - Richtek Technology Corporation RT9018C Datasheet HTML 5Page - Richtek Technology Corporation RT9018C Datasheet HTML 6Page - Richtek Technology Corporation RT9018C Datasheet HTML 7Page - Richtek Technology Corporation RT9018C Datasheet HTML 8Page - Richtek Technology Corporation RT9018C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9018C
2
DS9018C-03
September 2021
www.richtek.com
©
Copyright 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Description
Pin No.
SOP-8
(Exposed Pad)
WDFN-10L 3x3
Pin Name
Pin Function
3
7, 8, 9
VIN
Supply Input Voltage.
2
6
EN
Chip Enable (Active-High).
4
10
VDD
Supply Voltage of Control Circuitry.
1
5
PGOOD
Power Good Open Drain Output.
7
4
ADJ
Set the output voltage by the internal feedback resistors when
ADJ is grounded. If external feedback resistors is used, VOUT =
0.8V x (R1 + R2) / R2.
6
1, 2, 3
VOUT
Output Voltage.
5
--
NC
No Internal Connection.
8,
9 (Exposed Pad)
11 (Exposed Pad) GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Part Status
Part No
Status
Package Type
Lead plating System
RT9018C-XXGQW Obsolete
WDFN-10L 3x3
Green (Halogen Free and Pb Free)
RT9018C-XXGSP
Obsolete
SOP-8 (Exposed Pad)
Green (Halogen Free and Pb Free)
RT9018C-XXZQW Obsolete
WDFN-10L 3x3
ECO (Ecological Element with Halogen Free and Pb
free)
RT9018C-XXZSP
Obsolete
SOP-8 (Exposed Pad)
ECO (Ecological Element with Halogen Free and Pb
free)
The part status values are defined as follows:
Active
: Device is in production and is recommended for new designs.
Lifebuy
: The device will be discontinued, and a lifetime-buy period is in effect.
NRND
: Not recommended for new designs.
Preview
: Device has been announced but is not in production.
Obsolete
: Richtek has discontinued the production of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com