Electronic Components Datasheet Search
  English  ▼

X  

RT9079 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9079
Description  36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9079 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9079 Datasheet HTML 1Page - Richtek Technology Corporation RT9079 Datasheet HTML 2Page - Richtek Technology Corporation RT9079 Datasheet HTML 3Page - Richtek Technology Corporation RT9079 Datasheet HTML 4Page - Richtek Technology Corporation RT9079 Datasheet HTML 5Page - Richtek Technology Corporation RT9079 Datasheet HTML 6Page - Richtek Technology Corporation RT9079 Datasheet HTML 7Page - Richtek Technology Corporation RT9079 Datasheet HTML 8Page - Richtek Technology Corporation RT9079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RT9079
3
DS9079-03 March 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
--
36
V
Output Voltage Range
VOUT
2.5
--
12
V
DC Output Accuracy
VOUT
ILOAD = 10mA
2
--
2
%
Dropout Voltage
VDROP
ILOAD = 10mA, VCC > 5V
--
0.2
0.36
V
VCC Consumption Current
IQ
ILOAD = 0mA, VCC = 15V
--
50
100
A
Shutdown Current
VEN = 0V
--
0.1
0.5
A
Shutdown Leakage Current
VEN = 0V, VOUT = 0V
--
0.1
0.5
A
EN Input Current
IEN
VEN = 36V
--
0.1
--
A
Line Regulation
VLINE
ILOAD = 1mA,
VOUT +1 < VCC < 36V, VOUT  3.3V
--
0.04
0.5
%
ILOAD = 1mA,
VOUT +1 < VCC < 36V, VOUT  3.3V
--
0.04
0.6
Load Regulation
VLOAD
0mA < ILOAD < 100mA
1
--
1
%
Output Current Limit
ILIM
VOUT = 0.5 x VOUT(normal)
200
350
--
mA
Enable Input
Voltage
Logic-High
VIH
--
--
2
V
Logic-Low
VIL
0.6
--
--
Thermal Shutdown Temperature TSD
ILOAD = 30mA
--
150
--
°C
Thermal Shutdown Hysteresis
TSD
--
20
--
°C
Absolute Maximum Ratings
(Note 1)
VCC, EN to GND ------------------------------------------------------------------------------------------------------------
−0.3V to 40V
VOUT to VCC ---------------------------------------------------------------------------------------------------------------
−40V to 0.3V
VOUT to GND
RT9079-60, RT9079-90/RT9079-C0 ------------------------------------------------------------------------------------
−0.3V to 15V
RT9079-25/RT9079-30/RT9079-33/RT9079-50 ----------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-5 -------------------------------------------------------------------------------------------------------------------- 0.43W
Package Thermal Resistance (Note 2)
TSOT-23-5,
θJA -------------------------------------------------------------------------------------------------------------- 230.6°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−60°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage ------------------------------------------------------------------------------------------------------- 3.5V to 36V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
(CIN = 1
μF, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com