Electronic Components Datasheet Search
  English  ▼

X  

RT9079 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9079
Description  36V, 50μA IQ, Peak 200mA Low Dropout Voltage Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9079 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9079 Datasheet HTML 1Page - Richtek Technology Corporation RT9079 Datasheet HTML 2Page - Richtek Technology Corporation RT9079 Datasheet HTML 3Page - Richtek Technology Corporation RT9079 Datasheet HTML 4Page - Richtek Technology Corporation RT9079 Datasheet HTML 5Page - Richtek Technology Corporation RT9079 Datasheet HTML 6Page - Richtek Technology Corporation RT9079 Datasheet HTML 7Page - Richtek Technology Corporation RT9079 Datasheet HTML 8Page - Richtek Technology Corporation RT9079 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9079
4
DS9079-03 March 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Typical Application Circuit
VCC
EN
VOUT
GND
COUT
CIN
1µF
VOUT
RT9079
VCC
3.5V to 36V
EN
(Effective Capacitance
1µF)
Note 1 : All the input and output capacitances are the suggested values, which refer to the effective capacitances, and
are subject to any de-rating effect, like a DC bias.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com