Electronic Components Datasheet Search
  English  ▼

X  

TAS5504 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 32Page - Texas Instruments TAS5504_06 Datasheet HTML 33Page - Texas Instruments TAS5504_06 Datasheet HTML 34Page - Texas Instruments TAS5504_06 Datasheet HTML 35Page - Texas Instruments TAS5504_06 Datasheet HTML 36Page - Texas Instruments TAS5504_06 Datasheet HTML 37Page - Texas Instruments TAS5504_06 Datasheet HTML 38Page - Texas Instruments TAS5504_06 Datasheet HTML 39Page - Texas Instruments TAS5504_06 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
Introduction
28
SLES123 − October 2004
TAS5504
Output
Gain Coefficient
28
48
Select
Output
N
Gain Coefficient
28
48
48
48
Output
Gain Coefficient
28
48
Gain Coefficient
28
48
48
48
Gain Coefficient
28
48
48
1 or 2
Select
Output
N
Select
Output
N
Select
Output
N
Select
Output
N
3 or 4
Figure 1−20. Output Mixers
1.12 PWM
The TAS5504 has four channels of high performance digital PWM modulators that are designed to drive
switching output stages (backends) in both single-ended (SE) and H-bridge (bridge tied load) configuration.
The TAS5504 device uses noise-shaping and sophisticated error correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5504 uses an AD1 PWM modulation
combined with a 5th order noise shaper to provide a 102-dB SNR from 20 to 20 kHz.
The PWM section accepts 32-bit PCM data from the DAP and outputs four PWM audio output channels.
The TAS5504 PWM section output supports both single-ended and bridge-tied loads.
The PWM section provides a headphone PWM output to drive an external differential amplifier like the
TPA112. The headphone circuit uses the PWM modulator for channels 1 and 2. The headphone will not
operate while the backend drive channels are operating. The headphone will be enabled via a headphone
select terminal or I2C command.
The PWM section has individual channel dc blocking filters that can be enabled and disabled. The filter cutoff
frequency is less than 1 Hz.
The PWM section has individual channel de-emphasis filters for 32, 44.1, and 48 kHz that can be enabled and
disabled.
The PWM section also contains the power supply volume control (PSVC) PWM.
The interpolator, noise shaper, and PWM sections provide a PWM output with the following features:
•
Up to 8x over sampling.
−
8x at FS = 44.1 kHz, 48 kHz, 32 kHz, 38 kHz
−
4x at FS = 88.2 kHz, 96 kHz
−
2x at FS = 176.4 kHz, 192 kHz
•
5th order noise shaping
•
102-dB dynamic range 0 – 20 kHz (TAS5504 + TAS5111 system measured at speaker terminals)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com