Electronic Components Datasheet Search
  English  ▼

X  

TAS5504 Datasheet(PDF) 94 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TAS5504_06 Datasheet HTML 88Page - Texas Instruments TAS5504_06 Datasheet HTML 89Page - Texas Instruments TAS5504_06 Datasheet HTML 90Page - Texas Instruments TAS5504_06 Datasheet HTML 91Page - Texas Instruments TAS5504_06 Datasheet HTML 92Page - Texas Instruments TAS5504_06 Datasheet HTML 93Page - Texas Instruments TAS5504_06 Datasheet HTML 94Page - Texas Instruments TAS5504_06 Datasheet HTML 95Page - Texas Instruments TAS5504_06 Datasheet HTML 96Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
SUBWOOFER
SPEAKER
OUTPUT
CENTER
SPEAKER
OUTPUT
LEFT
SPEAKER
OUTPUT
HEADPHONE OUTPUT
TAS5504 Example Application Schematic
RIGHT
SPEAKER
OUTPUT
(Circuit is Subject To Change Without Notice)
CH1 TAS5121 H-Bridge Output Stage
/SHUTDOWN_TAS5121
PWM_P
PWM_M
/VALID
OUT_1
OUT_2
GVDD
V-HBRIDGE
/TEMP_WARNING
CH3 TAS5121 H-Bridge Output Stage
/SHUTDOWN_TAS5121
PWM_P
PWM_M
/VALID
OUT_1
OUT_2
GVDD
V-HBRIDGE
/TEMP_WARNING
CH4 TAS5121 H-Bridge Output Stage
/SHUTDOWN_TAS5121
PWM_P
PWM_M
/VALID
OUT_1
OUT_2
GVDD
V-HBRIDGE
/TEMP_WARNING
CH2 TAS5121 H-Bridge Output Stage
/SHUTDOWN_TAS5121
PWM_P
PWM_M
/VALID
OUT_1
OUT_2
GVDD
V-HBRIDGE
/TEMP_WARNING
Left + Right Headphone
2 Channel Headphone Design (TPA112)
PWM_HPP_R
PWM_HPM_R
OUT_L
OUT_R
+5.0V
PWM_HPP_L
PWM_HPM_L
OUT_GND
PSU and Interface Logic
/RESET
/RESET_TAS5504
/OTW_TAS5121
/OTW
/BKND_ERR
/BKND_ERR_TAS5504
/SD1_TAS5121
/SD1
/VALID
/SD2
/SD2_TAS5121
PSVC_TAS5504
+3.3V
GND
GND
+3.3V
GVDD
V-HBRIDGE
GVDD
V-HBRIDGE
GVDD
V-HBRIDGE
GVDD
V-HBRIDGE
+3.3V
GND
+3.3V
GND
+5.0V
GVDD
V-HBRIDGE
+5.0V +3.3V
GND
C25
220nF
R21
1M
1
2
C13
10nF
C14
100nF
C17
100nF
C20
100nF
R13
3.30R
J100
1
2
X10
13.5MHz
J700
1
2
J800
1
2
C15
100nF
R12
2R
1
2
C11
100nF
C10
10nF
C29
100nF
R18
1R
R20
22.0R
1
2
R10
200R
R11
200R
C28
15pF
C27
15pF
C23
10uF
C21
100nF
C18
1nF
C26
10uF
C16
10uF
J200
1
2
C12
100nF
C24
100nF
U10
TAS5504
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VRA_PLL
PLL_FLT_RET
PLL_FLTM
PLL_FLTP
AVSS
AVSS
VRD_PLL
AVSS_PLL
AVDD_PLL
VBGAP
RESET
HP_SEL
PDN
MUTE
DVDD
DVSS
VR_PWM
NC
NC
NC
NC
PWM_P_2
PWM_M_2
PWM_P_1
PWM_M_1
VAILD
DVSS
BKND_ERR
DVDD
DVSS
DVSS
VR_DIG
R14
1R
J900
Mini-Jack (3.5mm)
2
4
3
1
C22
100nF
C19
10uF
/VALID
/VALID
/VALID
/VALID
/RESET_TAS5504
/RESET
/BKND_ERR
/BKND_ERR_TAS5504
/OTW_TAS5121
/OTW
/SD1_TAS5121
/SD1
/SD2_TAS5121
/SD2
/VALID
/SD1_TAS5121
/OTW_TAS5121
/SD1_TAS5121
/OTW_TAS5121
/SD1_TAS5121
/OTW_TAS5121
/SD2_TAS5121
/OTW_TAS5121
PSVC_TAS5504
/BKND_ERR_TAS5504
/HP_SEL
/PDN_TAS5504
/VALID
/MUTE_TAS5504
MCLK
/RESET_TAS5504
SCL
PSVC_TAS5504
SDA
LRCLK
SDIN4
SCLK
SDIN3
SDIN2
SDIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com