Electronic Components Datasheet Search
  English  ▼

X  

TAS5504 Datasheet(PDF) 34 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 30Page - Texas Instruments TAS5504 Datasheet HTML 31Page - Texas Instruments TAS5504 Datasheet HTML 32Page - Texas Instruments TAS5504 Datasheet HTML 33Page - Texas Instruments TAS5504 Datasheet HTML 34Page - Texas Instruments TAS5504 Datasheet HTML 35Page - Texas Instruments TAS5504 Datasheet HTML 36Page - Texas Instruments TAS5504 Datasheet HTML 37Page - Texas Instruments TAS5504 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
Introduction
26
SLES123 − October 2004
TAS5504
O1No Discontinuity + |T1 * T2| k1 ) O2 For ( |T1| w |T2| )
T1 and T2 are the threshold settings in dB, k1 is the slope for region 1, and O2 is the offset in dB at T2. If the
user chooses to select a value of O1 that does not obey the above equation, a discontinuity at T1 is realized.
Going down in volume from T2, the slope k1 remains in effect until the input level T1 is reached. If, at this input
level, the offset of the transfer function curve from the 1:1 transfer curve does not equal O1, there is a
discontinuity at this input level as the transfer function is snapped to the offset called for by O1. If no
discontinuity is wanted, O1 and/or k1 must be adjusted so that the value of the transfer curve at the input level
T1 is offset from the 1:1 transfer curve by the value O1. The examples that follow illustrate both continuous
and discontinuous transfer curves at T1.
Going down in volume from T1, starting at the offset level O1, the slope k0 defines the compression/expansion
activity in the lower region of the DRC transfer curve.
1.10.2.1 Threshold Parameter Computation
For thresholds,
TdB = −6.0206TINPUT = −6.0206TSUB_ADDRESS_ENTRY
If, for example, it is desired to set T1 = -64 dB, then the subaddressaddress entry required to set T1 to -64 dB
is:
T1SUB_ADDRESS_ENTRY +
*64
*6.0206 +
10.63
T1 is entered as a 48-bit number in 25.23 format. Therefore:
T1 = 10.63 = 0_1010.1010_0001_0100_0111_1010_111
= 0x00000550A3D7 in 25.23 format
1.10.2.2 Offset Parameter Computation
The offsets set the boost or cut applied by the DRC-derived gain coefficient at the threshold point. An
equivalent statement is that offsets represent the departure of the actual transfer function from a 1:1 transfer
at the threshold point. Offsets are 25.23 formatted 48-bit logarithmic numbers. They are computed by the
following equation.
OINPUT +
ODESIRED ) 24.0824 dB
6.0206
Gains or boosts are represented as negative numbers; cuts or attenuation are represented as positive
numbers. For example, to achieve a boost of 21 dB at threshold T1, the I2C coefficient value entered for O1
must be:
O1INPUT +
–21 dB ) 24.0824 dB
6.0206
+ 0.51197555
+ 0.1000_0011_0001_1101_0100
+ 0x00000041886A in 25.23 format
More examples of offset computations are included in the following examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com