Electronic Components Datasheet Search
  English  ▼

X  

TAS5504 Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS5504
Description  4 Channel Digital Audio PWM Processor
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5504 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5504 Datasheet HTML 45Page - Texas Instruments TAS5504 Datasheet HTML 46Page - Texas Instruments TAS5504 Datasheet HTML 47Page - Texas Instruments TAS5504 Datasheet HTML 48Page - Texas Instruments TAS5504 Datasheet HTML 49Page - Texas Instruments TAS5504 Datasheet HTML 50Page - Texas Instruments TAS5504 Datasheet HTML 51Page - Texas Instruments TAS5504 Datasheet HTML 52Page - Texas Instruments TAS5504 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 96 page
background image
TAS5504 Controls and Status
42
SLES123 − October 2004
TAS5504
•
On TAS5504 power up or reset, the micro runs the following TAS5504 Initialization code:
−
Update Bank 1 (Write 0x00048040 to register 0x40).
−
Write bank-related I2C registers with appropriate values for Bank 1.
−
Write Bank 2 (Write 0x00058040 to register 0x40).
−
Load bank-related I2C registers with appropriate values for Bank 2.
−
Write Bank 3 (Write 0x00068040 to register 0x40).
−
Load bank-related I2C registers with appropriate values for Bank 3.
−
Select automatic bank switching (write 0x00038040 to register 0x40)
•
Now when the audio media changes, the TAS5504 automatically detects the incoming sample rate and
automatically switches to the appropriate bank.
In this example any sample rates other then 32 kHz and 44.1 kHz will use Bank 3. If other sample rates are
used, then the banks need to be set−up differently.
2.5.6 Bank Switching Example 2
Problem: The audio system uses all of the sample rates supported by the TAS5504. How can the automatic
bank switching be set up to handle this situation?
Strategy: Use the TAS5504 bank switching feature to allow for managing and switching three banks
associated with sample rates as follows:
•
Bank 1: Coefficients for 32 kHz, 38 kHz, 44.1 kHz, and 48 kHz
•
Bank 2: Coefficients for 88.2kHz and 96 kHz
•
Bank 3: Coefficients for 176.4 kHz and 192 kHz
One possible algorithm is to generate, load, and automatically manage bank switching for this problem:
•
Generate bank-related coefficients for sample rates 48 kHz (Bank 1), 96 kHz (Bank 2), and 192 kHz (Bank
3) and include the same in the micro-based TAS5504 I2C firmware.
•
On TAS5504 power−up or reset, the micro runs the following TAS5504 Initialization code:
−
Update Bank 1 (Write 0x0004F00C to register 0x40).
−
Write bank-related I2C registers with appropriate values for Bank 1.
−
Write Bank 2 (Write 0x0005F00C to register 0x40).
−
Load bank-related I2C registers with appropriate values for Bank 2.
−
Write Bank 3 (Write 0x0006F00C to register 0x40).
−
Load bank-related I2C registers with appropriate values for Bank 3.
−
Select automatic bank switching (Write 0x0003F00C to register 0x40)
•
Now when the audio media changes, the TAS5504 automatically detects the incoming sample rate and
automatically switches to the appropriate bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com