Electronic Components Datasheet Search
  English  ▼

X  

STV160NF03LA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV160NF03LA
Description  N-CHANNEL 30V - 0.0021OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV160NF03LA Datasheet(HTML) 1 Page - STMicroelectronics

  STV160NF03LA Datasheet HTML 1Page - STMicroelectronics STV160NF03LA Datasheet HTML 2Page - STMicroelectronics STV160NF03LA Datasheet HTML 3Page - STMicroelectronics STV160NF03LA Datasheet HTML 4Page - STMicroelectronics STV160NF03LA Datasheet HTML 5Page - STMicroelectronics STV160NF03LA Datasheet HTML 6Page - STMicroelectronics STV160NF03LA Datasheet HTML 7Page - STMicroelectronics STV160NF03LA Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
December 2000
STV160NF03LA
N-CHANNEL 30V - 0.0021
Ω - 160A PowerSO-10
STripFET™ POWER MOSFET
(1) VDD = 35V, ID = 45A, RG = 22Ω , L = 330µH, Starting Tj=25°C
(**)Limited only maximum junction temperature allowed by
PowerSO-10
s
TYPICAL RDS(on) = 0.0021 Ω
s
LOW THRESHOLD DRIVE
s
ULTRA LOW ON-RESISTANCE
s
ULTRA FAST SWITCHING
s
100% AVALANCHE TESTED
s
VERY LOW GATE CHARGE
s
LOW PROFILE, VERY LOW PARASITIC
INDUCTANCE PowerSO-10 PACKAGE
DESCRIPTION
The STV160NF03LA represents the second gen-
eration of Application Specific STMicroelectronics
well established STripFET™ process based on a
very unique strip layout design. The resulting
MOSFET shows unrivalled high packing density
with ultra low on-resistance and superior switching
charactestics. Process simplification also trans-
lates into improved manufacturing reproducibility.
This device is particularly suitable for high current,
low voltage switching application where efficiency
is crucial
APPLICATIONS
s
BUCK CONVERTERS IN HIGH
PERFORMANCE TELECOM AND VRMs DC-
DC CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
Note: Marking will be STV160NF03AL
TYPE
VDSS
RDS(on)
ID
STV160NF03LA
30 V
< 0.003
Ω
160 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 15
V
ID(**)
Drain Current (continuos) at TC = 25°C
160
A
ID
Drain Current (continuos) at TC = 100°C
113
A
IDM (q)
Drain Current (pulsed)
640
A
PTOT
Total Dissipation at TC = 25°C
210
W
Derating Factor
1.4
W/°C
EAS (1)
Single Pulse Avalanche Energy
330
mJ
Tstg
Storage Temperature
–65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
PowerSO-10
1
10
INTERNAL SCHEMATIC DIAGRAM
CONNECTION DIAGRAM (TOP VIEW)


Similar Part No. - STV160NF03LA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV160NF03L STMICROELECTRONICS-STV160NF03L Datasheet
96Kb / 8P
N - CHANNEL 30V - 0.0019ohm - 160A PowerSO-10 STripFET MOSFET
Nov-1999
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Nov-2002
More results

Similar Description - STV160NF03LA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160NF03L STMICROELECTRONICS-STB160NF03L Datasheet
431Kb / 9P
N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET™ POWER MOSFET
February 2001
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
Jun-1999
STV160NF03L STMICROELECTRONICS-STV160NF03L Datasheet
96Kb / 8P
N - CHANNEL 30V - 0.0019ohm - 160A PowerSO-10 STripFET MOSFET
Nov-1999
STV40NE03L-20 STMICROELECTRONICS-STV40NE03L-20 Datasheet
90Kb / 8P
N - CHANNEL 30V - 0.014ohm - 40A - PowerSO-10 STripFET MOSFET
May-2000
STV160NF02L STMICROELECTRONICS-STV160NF02L_04 Datasheet
327Kb / 8P
N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
Feb-2004
STV160NF02LA STMICROELECTRONICS-STV160NF02LA Datasheet
531Kb / 8P
N-CHANNEL 20V - 0.0018W - 160A PowerSO-10 STripFET TM POWER MOSFET
Dec-2000
STV160NF03L STMICROELECTRONICS-STV160NF03L_02 Datasheet
539Kb / 9P
N-CHANNEL 30V - 0.0019OHM - 160A PowerSO-10 STripFET TM POWER MOSFET
Nov-2002
STV300NH02L STMICROELECTRONICS-STV300NH02L Datasheet
310Kb / 9P
N-channel 24V - 0.8mOHM - 280A - PowerSO-10 STripFET TM Power MOSFET
08-Feb-2007
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
19-Jun-2006
STV160NF02LT4 STMICROELECTRONICS-STV160NF02LT4 Datasheet
355Kb / 8P
N-CHANNEL 20V - 0.0016Ω - 160A PowerSO-10 STripFET™II POWER MOSFET
Feb-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com