Electronic Components Datasheet Search
  English  ▼

X  

MJ2955G. Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ2955G.
Description  Complementary Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ2955G. Datasheet(HTML) 1 Page - ON Semiconductor

  MJ2955G. Datasheet HTML 1Page - ON Semiconductor MJ2955G. Datasheet HTML 2Page - ON Semiconductor MJ2955G. Datasheet HTML 3Page - ON Semiconductor MJ2955G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 6
1
Publication Order Number:
2N3055/D
2N3055(NPN), MJ2955(PNP)
Preferred Device
Complementary Silicon
Power Transistors
Complementary silicon power transistors are designed for
general−purpose switching and amplifier applications.
Features
• DC Current Gain − hFE = 20−70 @ IC = 4 Adc
• Collector−Emitter Saturation Voltage −
VCE(sat) = 1.1 Vdc (Max) @ IC = 4 Adc
• Excellent Safe Operating Area
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
60
Vdc
Collector−Emitter Voltage
VCER
70
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
7
Vdc
Collector Current − Continuous
IC
15
Adc
Base Current
IB
7
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25
°C
PD
115
0.657
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +200
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
160
0
0
25
50
75
100
125
150
175
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
140
120
100
80
60
40
20
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
15 AMPERE
POWER TRANSISTORS
COMPLEMENTARY SILICON
60 VOLTS, 115 WATTS
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
2N3055
TO−204AA
100 Units / Tray
MJ2955G
TO−204AA
(Pb−Free)
TO−204AA (TO−3)
CASE 1−07
STYLE 1
100 Units / Tray
2N3055G
TO−204AA
(Pb−Free)
100 Units / Tray
MJ2955
TO−204AA
100 Units / Tray
MARKING DIAGRAM
xxxx55
= Device Code
xxxx = 2N30 or MJ20
G
= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
xxxx55G
AYYWW
MEX


Similar Part No. - MJ2955G.

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ2955 MOSPEC-MJ2955 Datasheet
167Kb / 3P
POWER TRANSISTORS(15A,50V,115W)
logo
Motorola, Inc
MJ2955 MOTOROLA-MJ2955 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
STMicroelectronics
MJ2955 STMICROELECTRONICS-MJ2955 Datasheet
47Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
logo
Wing Shing Computer Com...
MJ2955 WINGS-MJ2955 Datasheet
64Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
MJ2955 BOCA-MJ2955 Datasheet
174Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - MJ2955G.

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com