Electronic Components Datasheet Search
  English  ▼

X  

MJ2955G. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ2955G.
Description  Complementary Silicon Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ2955G. Datasheet(HTML) 2 Page - ON Semiconductor

  MJ2955G. Datasheet HTML 1Page - ON Semiconductor MJ2955G. Datasheet HTML 2Page - ON Semiconductor MJ2955G. Datasheet HTML 3Page - ON Semiconductor MJ2955G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N3055(NPN), MJ2955(PNP)
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.52
_C/W
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS*
Collector−Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, IB = 0)
VCEO(sus)
60
−
Vdc
Collector−Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, RBE = 100 W)
VCER(sus)
70
−
Vdc
Collector Cutoff Current (VCE = 30 Vdc, IB = 0)
ICEO
−
0.7
mAdc
Collector Cutoff Current
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 100 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C)
ICEX
−
−
1.0
5.0
mAdc
Emitter Cutoff Current (VBE = 7.0 Vdc, IC = 0)
IEBO
−
5.0
mAdc
ON CHARACTERISTICS* (Note 1)
DC Current Gain
(IC = 4.0 Adc, VCE = 4.0 Vdc)
(IC = 10 Adc, VCE = 4.0 Vdc)
hFE
20
5.0
70
−
−
Collector−Emitter Saturation Voltage
(IC = 4.0 Adc, IB = 400 mAdc)
(IC = 10 Adc, IB = 3.3 Adc)
VCE(sat)
−
1.1
3.0
Vdc
Base−Emitter On Voltage (IC = 4.0 Adc, VCE = 4.0 Vdc)
VBE(on)
−
1.5
Vdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 40 Vdc, t = 1.0 s, Nonrepetitive)
Is/b
2.87
−
Adc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.5
−
MHz
*Small−Signal Current Gain (IC = 1.0 Adc, VCE = 4.0 Vdc, f = 1.0 kHz)
hfe
15
120
−
*Small−Signal Current Gain Cutoff Frequency (VCE = 4.0 Vdc, IC = 1.0 Adc, f = 1.0 kHz)
fhfe
10
−
kHz
*Indicates Within JEDEC Registration. (2N3055)
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
20
6
Figure 2. Active Region Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
10
6
4
2
1
0.6
0.4
0.2
10
20
40
60
dc
500 ms
1 ms
250 ms
50 ms
BONDING WIRE LIMIT
THERMALLY LIMITED @ TC = 25°C (SINGLE PULSE)
SECOND BREAKDOWN LIMIT
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TC = 25°C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated for temperature according to Figure 1.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com