Electronic Components Datasheet Search
  English  ▼

X  

TPA0213 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0213
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0213 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA0213 Datasheet HTML 9Page - Texas Instruments TPA0213 Datasheet HTML 10Page - Texas Instruments TPA0213 Datasheet HTML 11Page - Texas Instruments TPA0213 Datasheet HTML 12Page - Texas Instruments TPA0213 Datasheet HTML 13Page - Texas Instruments TPA0213 Datasheet HTML 14Page - Texas Instruments TPA0213 Datasheet HTML 15Page - Texas Instruments TPA0213 Datasheet HTML 16Page - Texas Instruments TPA0213 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D – JANUARY 2000 – REVISED NOVEMBER 2002
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bridged-tied load versus single-ended mode (continued)
For example, a 68-
µF capacitor with an 8-Ω speaker would attenuate low frequencies below 293 Hz. The BTL
configuration cancels the dc offsets, which eliminates the need for the blocking capacitors. Low-frequency
performance is then limited only by the input network and speaker response. Cost and PCB space are also
minimized by eliminating the bulky coupling capacitor.
RL
C(C)
VO(PP)
VO(PP)
VDD
–3 dB
fc
Figure 15. Single-Ended Configuration and Frequency Response
Increasing power to the load does carry a penalty of increased internal power dissipation. The increased
dissipation is understandable considering that the BTL configuration produces 4
× the output power of the SE
configuration. Internal dissipation versus output power is discussed further in the crest factor and thermal
considerations section.
single-ended operation
In SE mode (see Figure 14 and Figure 15), the load is driven from the primary amplifier output for each channel
(LO and RO, terminals 6 and 10)
The amplifier switches to single-ended operation when the ST/MN terminal is held high.
input MUX operation
The input MUX allows two separate inputs to be applied to the amplifier. When the ST/MN terminal is held high,
the headphone inputs (LIN and RIN) are active. When the ST/MN terminal is held low, the line BTL input
(MONO-IN) is active.
BTL amplifier efficiency
Class-AB amplifiers are inefficient. The primary cause of inefficiencies is the voltage drop across the output
stage transistors. There are two components of the internal voltage drop. One is the headroom or dc voltage
drop that varies inversely to output power. The second component is due to the sinewave nature of the output.
The total voltage drop can be calculated by subtracting the RMS value of the output voltage from VDD. The
internal voltage drop multiplied by the RMS value of the supply current, IDDrms, determines the internal power
dissipation of the amplifier.
An easy-to-use equation to calculate efficiency starts out as being equal to the ratio of power from the power
supply to the power delivered to the load. To accurately calculate the RMS and average values of power in the
load and in the amplifier, the current and voltage waveform shapes must first be understood. See Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com