Electronic Components Datasheet Search
  English  ▼

X  

TPA0213 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0213
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0213 Datasheet(HTML) 3 Page - Texas Instruments

  TPA0213 Datasheet HTML 1Page - Texas Instruments TPA0213 Datasheet HTML 2Page - Texas Instruments TPA0213 Datasheet HTML 3Page - Texas Instruments TPA0213 Datasheet HTML 4Page - Texas Instruments TPA0213 Datasheet HTML 5Page - Texas Instruments TPA0213 Datasheet HTML 6Page - Texas Instruments TPA0213 Datasheet HTML 7Page - Texas Instruments TPA0213 Datasheet HTML 8Page - Texas Instruments TPA0213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPA0213
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS276D – JANUARY 2000 – REVISED NOVEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BYPASS
4
I
BYPASS is the tap to the voltage divider for internal mid-supply bias. This terminal should be connected to a
0.1-
µF to 1-µF capacitor.
GND
8
Ground terminal
LIN
9
I
Left-channel input terminal
LO/MO–
10
O
Left-output in SE mode and mono negative output in BTL mode.
MONO-IN
1
I
Mono input terminal
RIN
5
I
Right-channel input terminal
RO/MO+
6
O
Right-output in SE mode and mono positive output in BTL mode
SHUTDOWN
2
I
SHUTDOWN places the entire device in shutdown mode when held low. TTL compatible input.
ST/MN
7
I
Selects between stereo and mono mode. When held high, the amplifier is in SE stereo mode, while held low,
the amplifier is in BTL mono mode.
VDD
3
I
VDD is the supply voltage terminal.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)§
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
internally limited (see Dissipation Rating Table)
. . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA (see Table 3)
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
– 40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
DGQ
2.14 W¶
17.1 mW/
°C
1.37 W
1.11 W
¶ Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(SLMA002), for more information on the PowerPAD
 package. The thermal data was measured on a PCB
layout based on the information in the section entitled Texas Instruments Recommended Board for PowerPAD
on page 33 of that document.
PowerPAD is a trademark of Texas Instruments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com